Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQD3N50C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQD3N50C
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD3N50C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQD3N50C Datasheet HTML 1Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 2Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 3Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 4Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 5Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 6Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 7Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 8Page - Fairchild Semiconductor FQD3N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FQD3N50C / FQU3N50C Rev. B
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom :
5.0 V
Notes :
1. 250µs Pulse Test
2. T
C
= 25°C
V
DS
, Drain-Source Voltage [V]
246
8
10
10
-1
10
0
10
1
Note
1. V
DS
= 40V
2. 250µs Pulse Test
-55°C
150°C
25°C
V
GS
, Gate-Source Voltage [V]
02
46
8
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
V
GS
= 20V
V
GS
= 10V
Note : T
J
= 25°C
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150°C
Notes :
1. V
GS
= 0V
2. 250µs Pulse Test
25°C
V
SD
, Source-Drain voltage [V]
10
-1
10
0
10
1
0
200
400
600
C
iss
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
Note ;
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
V
DS
, Drain-Source Voltage [V]
05
10
0
2
4
6
8
10
12
V
DS
= 250V
V
DS
= 100V
V
DS
= 400V
Note : I
D
= 3A
Q
G
, Total Gate Charge [nC]


Numéro de pièce similaire - FQD3N50C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD3N50C FAIRCHILD-FQD3N50C Datasheet
1Mb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50CTF FAIRCHILD-FQD3N50CTF Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50CTM FAIRCHILD-FQD3N50CTM Datasheet
907Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_07 Datasheet
907Kb / 9P
   500V N-Channel MOSFET
More results

Description similaire - FQD3N50C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com