Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA28N15 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FQA28N15
Description  150V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA28N15 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FQA28N15 Datasheet HTML 1Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 2Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 3Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 4Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 5Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 6Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 7Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 8Page - Fairchild Semiconductor FQA28N15 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQA28N15 / FQA28N15_F109 Rev. A1
August 2007
QFET
®
FQA28N15 / FQA28N15_F109
150V N-Channel MOSFET
Features
• 33A, 150V, RDS(on) = 0.09Ω @VGS = 10 V
• Low gate charge ( typical 40 nC)
• Low Crss ( typical 50pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3P
FQA Series
Symbol
Parameter
FQA28N15
Units
VDSS
Drain-Source Voltage
150
V
ID
Drain Current
- Continuous (TC = 25°C)
33
A
- Continuous (TC = 100°C)
23.3
A
IDM
Drain Current
- Pulsed
(Note 1)
132
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
IAR
Avalanche Current
(Note 1)
33
A
EAR
Repetitive Avalanche Energy
(Note 1)
22.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TC = 25°C)
227
W
- Derate above 25°C
1.52
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.66
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


Numéro de pièce similaire - FQA28N15

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA28N15 FAIRCHILD-FQA28N15 Datasheet
794Kb / 8P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA28N15 ISC-FQA28N15 Datasheet
346Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Description similaire - FQA28N15

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com