Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8882 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDD8882
Description  N-Channel PowerTrench짰 MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8882 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDD8882_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 8Page - Fairchild Semiconductor FDD8882_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDD8882/FDU8882 Rev. C
www.fairchildsemi.com
3
Dynamic Characteristics
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Package current limitation is 35A.
2: Starting TJ = 25°C, L = 0.1mH, IAS = 28A, VDD = 27V, VGS = 10V.
3
CISS
Input Capacitance
VDS = 15V, VGS = 0V,
f = 1MHz
-
1260
-
pF
COSS
Output Capacitance
-
240
-
pF
CRSS
Reverse Transfer Capacitance
-
140
-
pF
RG
Gate Resistance
VGS = 0.5V, f = 1MHz
-
2.4
-
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 35A
Ig = 1.0mA
-22
33
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
11.7
17.6
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
1.2
1.8
nC
Qgs
Gate to Source Gate Charge
-
3.7
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
2.5
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4.6
-
nC
tON
Turn-On Time
VDD = 15V, ID = 35A
VGS = 10V, RGS = 13Ω
-
-
135
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
82
-
ns
td(OFF)
Turn-Off Delay Time
-
40
-
ns
tf
Fall Time
-
25
-
ns
tOFF
Turn-Off Time
-
-
98
ns
VSD
Source to Drain Diode Voltage
ISD = 35A
-
-
1.25
V
ISD = 15A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 35A, dISD/dt = 100A/µs-
-
32
ns
QRR
Reverse Recovered Charge
ISD = 35A, dISD/dt = 100A/µs-
-
21
nC


Numéro de pièce similaire - FDD8882_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8882_NL FAIRCHILD-FDD8882_NL Datasheet
277Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Description similaire - FDD8882_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com