Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8870 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDD8870
Description  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8870 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDD8870_08 Datasheet HTML 1Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 2Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 3Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 4Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 5Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 6Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 7Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 8Page - Fairchild Semiconductor FDD8870_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©20048Fairchild Semiconductor Corporation
FDD8870 / FDU8870 Rev. C2
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
110
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
1
10
100
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
20
40
60
80
100
1.52.02.53.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
20
40
60
80
100
0
0.2
0.4
0.6
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 4V
VGS = 2.5V
VGS = 5V
2
4
6
8
24
68
10
8
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
1.4
1.6
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Numéro de pièce similaire - FDD8870_08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD8870-F085 ONSEMI-FDD8870-F085 Datasheet
511Kb / 11P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
More results

Description similaire - FDD8870_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com