Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8978 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDS8978
Description  N-Channel PowerTrench짰 MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8978 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDS8978_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 6Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 7Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 8Page - Fairchild Semiconductor FDS8978_07 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
May 2007
©2007 Fairchild Semiconductor Corporation
FDS8978 Rev. B
www.fairchildsemi.com
1
G2
S2
G1
S1
D2
D2
D1
D1
D1
D2
S1
G1
S2
G2
D1
D2
1
2
3
4
8
7
6
5
Q1
Q2
Pin 1
SO-8
FDS8978
N-Channel PowerTrench® MOSFET
30V, 7.5A, 18m
Features
rDS(on) = 18mΩ, VGS = 10V, ID = 7.5A
rDS(on) = 21mΩ, VGS = 4.5V, ID = 6.9A
High performance trench technology for extremely low
rDS(on)
Low gate charge
High power and current handling capability
100% Rg Tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers. It has been optimized for low gate charge, low
rDS(on) and fast switching speed.
Applications
DC/DC converters
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
30
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
7.5
A
Continuous (TA = 25oC, VGS = 10V, RθJA = 50oC/W)
Continuous (TA = 25oC, VGS = 4.5V, RθJA = 50oC/W)
6.9
A
Pulsed
49
A
EAS
Single Pulse Avalanche Energy (Note 1)
57
mJ
PD
Power dissipation
1.6
W
Derate above 25oC13
mW/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 150
oC
RθJC
Thermal Resistance, Junction to Case (Note 2)
40
oC/W
RθJA
Thermal Resistance, Junction to Ambient (Note 2a)
78
oC/W
RθJA
Thermal Resistance, Junction to Ambient (Note 2c)
135
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDS8978
FDS8978
SO-8
330mm
12mm
2500 units


Numéro de pièce similaire - FDS8978_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Description similaire - FDS8978_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com