Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5236B Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 1N5236B
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5236B Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  1N5236B Datasheet HTML 1Page - Fairchild Semiconductor 1N5236B Datasheet HTML 2Page - Fairchild Semiconductor 1N5236B Datasheet HTML 3Page - Fairchild Semiconductor 1N5236B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
1N5221B - 1N5263B Rev. H1
June 2007
1N5221B - 1N5263B
Zener Diodes
Absolute Maximum Ratings * T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
** Non-recurrent square wave PW = 8.3ms, Ta = 50 degrees C.
Electrical Characteristics T
A=25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 50
°C
500
4.0
mW
mW
°C
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+200
°C
Lead Temperature (1/16” from case for 10 seconds)
+230
°C
Device
VZ (V) @ IZ (Note 1)
ZZ (Ω) @ IZ (mA)
ZZK (Ω) @ IZK (mA)
IR (μA) @ VR (V)
TC
(%/
°C)
Min.
Typ.
Max.
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.28
2.375
2.565
2.66
2.85
2.4
2.5
2.7
2.8
3
2.52
2.625
2.835
2.94
3.15
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.135
3.42
3.705
4.085
4.465
3.3
3.6
3.9
4.3
4.7
3.465
3.78
4.095
4.515
4.935
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
-0.07
-0.065
-0.06
+/-0.055
+/-0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235B
4.845
5.32
5.7
5.89
6.46
5.1
5.6
6
6.2
6.8
5.355
5.88
6.3
6.51
7.14
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
3.0
2.0
3.0
3.5
4.0
5.0
+/-0.03
0.038
0.038
0.045
0.05
1N5236B
1N5237B
1N5238B
1N5239B
1N5240B
7.125
7.79
8.265
8.645
9.5
7.5
8.2
8.7
9.1
10
7.875
8.61
9.135
9.555
10.5
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
3.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Tolerance = 5%


Numéro de pièce similaire - 1N5236B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N5236B VISHAY-1N5236B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5236B MCC-1N5236B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5236B VISHAY-1N5236B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Tak Cheong Electronics ...
1N5236B TAK_CHEONG-1N5236B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5236B VISHAY-1N5236B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Description similaire - 1N5236B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com