Moteur de recherche de fiches techniques de composants électroniques |
|
STPCELITE Fiches technique(PDF) 9 Page - STMicroelectronics |
|
STPCELITE Fiches technique(HTML) 9 Page - STMicroelectronics |
9 / 87 page GENERAL DESCRIPTION Release 1.3 - January 29, 2002 9/87 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Figure 1-3. Typical ISA-based Application. STPC Elite ISA PCI 4x 16-bit SDRAMs Super I/O 2x EIDE Flash Keyboard / Mouse Serial Ports Parallel Port Floppy IRQ DMA.REQ DMA.ACK DMUX DMUX MUX MUX RTC GPIOs GPCLK |
Numéro de pièce similaire - STPCELITE |
|
Description similaire - STPCELITE |