Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5099MTCX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN5099MTCX
Description  Wide Frequency Synchronous Buck PW & LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099MTCX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN5099MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5099MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.5
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Absolute maximum ratings apply individually only, not in combina-
tion. Unless otherwise specified, all other voltages are referenced to AGND.
Thermal Information
Notes:
1. Junction-to-ambient thermal resistance,
θ
JA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of vias used, diameter of vias used, available copper surface, and attached heat
sink characteristics.
Parameter
Min.
Max.
Unit
VCC to GND
Continuous
6.0
V
BOOT to GND
Continuous
-0.3
33
V
Transient (t < 100ns, f < 500kHz)
-0.5
35
V
BOOT to SW
Continuous
-0.5
6.0
V
Transient (t < 50ns, f < 500kHz)
-2.5
V
SW to GND
Continuous
-0.5
33.0
V
Transient (t < 50ns, f < 500kHz)
-3.0
35.0
V
HDRV to SW
Continuous
-0.5
6.0
V
Transient (t < 40ns, f < 500kHz)
-2.5
V
LDRV to PGND
Continuous
-0.5
6.0
V
Transient (t < 40ns, f < 500kHz)
-2.5
V
All Other Pins
Continuous
-0.3
VCC + 0.3
V
Maximum Shunt Current
150
mA
Electrostatic Discharge (ESD) Protection Level
Human Body Model
(Mil Std. 883E, Method 3015.7)
3.5
kV
Charged Device Model
(EIA/JESD22C101-A)
1.8
Symbols
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+300
°C
Vapor Phase, 60 Seconds
+215
°C
Infrared, 15 Seconds
+220
°C
PD
Power Dissipation, TA = 25°C
715
mW
θ
JC
Thermal Resistance – Junction-to-Case
37
°C/W
θ
JA
Thermal Resistance – Junction-to-Ambient(1)
100
°C/W


Numéro de pièce similaire - FAN5099MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
More results

Description similaire - FAN5099MTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com