Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBF15CH60BTL Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FSBF15CH60BTL
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBF15CH60BTL Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FSBF15CH60BTL Datasheet HTML 3Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 4Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 5Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 6Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 7Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 8Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 9Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 10Page - Fairchild Semiconductor FSBF15CH60BTL Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
www.fairchildsemi.com
FSBF15CH60BTL Rev. C
Figure 4. Switching Time Definition
Switching Loss (Typical)
Figure 5. Switching Loss Characteristics
V
CE
I
C
V
IN
t
ON
t
C(ON)
V
IN(ON)
10% I
C
10% V
CE
90% I
C
100% I
C
t
rr
100% I
C
V
CE
I
C
V
IN
t
OFF
t
C(OFF)
V
IN(OFF)
10% V
CE
10% I
C
(a) turn-on
(b) turn-off
0
1234
5678
9
10
11
12
13
14
15
16
17
0
100
200
300
400
500
600
700
800
SWITCHING LOSS(ON) VS. COLLECTOR CURRENT
V
CE=300V
V
CC=15V
V
IN=5V
T
J=25
T
J=150
COLLECTOR CURRENT, I
c [AMPERES]
0
1234
5678
9
10
11
12
13
14
15
16
17
0
50
100
150
200
250
300
350
400
450
500
SWITCHING LOSS(OFF) VS. COLLECTOR CURRENT
V
CE=300V
V
CC=15V
V
IN=5V
T
J=25
T
J=150
COLLECTOR CURRENT, I
c [AMPERES]


Numéro de pièce similaire - FSBF15CH60BTL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results

Description similaire - FSBF15CH60BTL

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com