Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS8984 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDS8984
Description  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8984 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDS8984_07 Datasheet HTML 1Page - Fairchild Semiconductor FDS8984_07 Datasheet HTML 2Page - Fairchild Semiconductor FDS8984_07 Datasheet HTML 3Page - Fairchild Semiconductor FDS8984_07 Datasheet HTML 4Page - Fairchild Semiconductor FDS8984_07 Datasheet HTML 5Page - Fairchild Semiconductor FDS8984_07 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FDS8984 Rev. A1
www.fairchildsemi.com
4
Figure 7. Gate Charge Characteri
02
46
8
10
0
2
4
6
8
10
VDD = 20V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 15V
stics
Figure 8. Capacitance vs Drain to Source Voltage
0.1
1
10
100
200
300
400
500
600
700
C
RSS
C
OSS
C
ISS
f = 1MHz
V
GS = 0V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
30
Figure 9. Unclamped Inductive Switching
Capability
0.01
0.1
1
10
1
10
20
STARTING T
J = 125
OC
STARTING T
J = 25
OC
t
AV, TIME IN AVALANCHE (mS)
20
Figure 10. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
V
GS=4.5V
V
GS=10V
T
A, AMBIENT TEMPERATURE (
oC)
Figure 11. Forward Bias Safe Operating Area
0.1
1
10
100
0.01
0.1
1
10
100
DC
1s
100ms
10ms
1ms
100us
10us
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
Figure 12. Single Pulse Maximum Power
Dissipation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
VGS=10V
SINGLE PULSE
t, PULSE WIDTH (s)
3000
TA = 25oC
I = I25
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
150 TA
125
------------------------
Typical Characteristics T
J = 25°C unless otherwise noted


Numéro de pièce similaire - FDS8984_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8984F085 FAIRCHILD-FDS8984F085 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results

Description similaire - FDS8984_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com