Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCAS30DN60BB Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FCAS30DN60BB
Description  Smart Power Module for SRM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCAS30DN60BB Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FCAS30DN60BB Datasheet HTML 3Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 4Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 5Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 6Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 7Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 8Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 9Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 10Page - Fairchild Semiconductor FCAS30DN60BB Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
www.fairchildsemi.com
FCAS30DN60BB Rev. A
Electrical Characteristics (TJ = 25°C, Unless Otherwise Specified)
Control Part
Note:
4. Short-circuit current protection is functioning only at the low-sides.
5. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 18.3 x 10-6 x tFOD[F]
Recommended Operating Conditions
Bootstrap Diode Part
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQCC
Quiescent VCC Supply
Current
VCC = 15V
IN(L) = 0V
VCC - COM
-
-
24
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15V
IN(H) = 0V
VB - VS
-
-
500
μA
VFOH
Fault Output Voltage
VSC = 0V, VFO Circuit: 4.7kΩ to 5V Pull-up
4.5
-
-
V
VFOL
VSC = 1V, VFO Circuit: 4.7kΩ to 5V Pull-up
-
-
0.8
V
VSC(ref)
Short Circuit Trip Level
VCC = 15V (Note 4)
0.45
0.5
0.55
V
UVCCD
Supply Circuit Under-
Voltage Protection
Detection Level
Applied between
VCC - COM
10.7
11.9
13.0
V
UVCCR
Reset Level
11.2
12.4
13.2
V
UVBSD
Detection Level
Applied between
VB - VS
10.1
11.3
12.5
V
UVBSR
Reset Level
10.5
11.7
12.9
V
tFOD
Fault-out Pulse Width
CFOD = 33nF (Note 5)
1.0
1.8
-
ms
VIH
ON Threshold Voltage
Logic‘1’ input voltage Applied between
IN(H), IN(L) - COM
3.0
-
-
V
VIL
OFF Threshold Voltage
Logic‘0’ input voltage
-
-
0.8
V
RTH
Resistance of Thermistor
@ TC = 25°C (Note Fig. 9)
-
50
-
k
Ω
@ TC = 80°C (Note Fig. 9)
-
6.021
-
k
Ω
Symbol
Parameter
Conditions
Value
Units
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - N
-
300
450
V
VCC
Control Supply Voltage
Applied between VCC - COM
13.5
15
16.5
V
VBS
High-side Bias Voltage
Applied between VB - VS
13.5
15
18.5
V
fPWM
PWM Input Signal
TC ≤ 100°C, TJ ≤ 125°C
-
3
-
kHz
VIN(ON)
Input ON Voltage
Applied between IN(H), IN(L) - COM
4 ~ 5.5
V
VIN(OFF) Input OFF Voltage
Applied between IN(H), IN(L) - COM
0 ~ 0.65
V
Symbol
Parameter
Conditions
Rating
Units
VRRM
Maixmum Repetitive Reverse Voltage
600
V
IF
Forward Current
TC = 25°C
0.5
A
IFP
Forward Current (Peak)
TC = 25°C, Under 1ms Pulse Width
2
A
TJ
Operating Junction Temperature
-20 ~ 125
°C


Numéro de pièce similaire - FCAS30DN60BB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
More results

Description similaire - FCAS30DN60BB

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCAS20DN60BB FAIRCHILD-FCAS20DN60BB Datasheet
588Kb / 14P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60_06 Datasheet
234Kb / 16P
   Smart Power Module for SRM
FCAS50SN60 FAIRCHILD-FCAS50SN60 Datasheet
489Kb / 16P
   Smart Power Module for SRM
logo
Solid States Devices, I...
PM0003 SSDI-PM0003_15 Datasheet
129Kb / 2P
   SRM POWER MODULE
PM0003 SSDI-PM0003 Datasheet
129Kb / 2P
   SRM POWER MODULE
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com