Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2013MPX Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN2013MPX
Description  2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2013MPX Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN2013MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2013MPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2013 Rev. 1.0.3
2
Pin Assignments
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
PG
P1
(AGND)
Figure 2.
Pin Assignments (Top View)
Pin Definitions
Pin #
Name
Description
P1
AGND
Analog Ground
. P1 must be soldered to the PCB ground.
1
FB
Feedback Input
. Adjustable voltage option; connect this pin to the resistor divider.
2
PGND
Power Ground
. This pin is connected to the internal MOSFET switches. This pin must be
externally connected to AGND.
3
SW
Switching Node
. This pin is connected to the internal MOSFET switches.
4
PVIN
Supply Voltage Input
. This pin is connected to the internal MOSFET switches.
5
VIN
Supply Voltage Input
.
6
PG
Open Drain Power Good
.


Numéro de pièce similaire - FAN2013MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2013MPX FAIRCHILD-FAN2013MPX Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
More results

Description similaire - FAN2013MPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC25400 MICREL-MIC25400 Datasheet
731Kb / 27P
   2A Dual Output PWM Synchronous Buck Regulator IC
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com