Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5361UC15X Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5361UC15X
Description  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC15X Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5361UC15X Datasheet HTML 1Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 2Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above
the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended
exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings
are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VIN
Input Voltage
–0.3
7.0
V
VSW
Voltage on SW Pin
–0.3
VIN + 0.3
(3)
V
VCTRL
EN and MODE Pin Voltage
–0.3
VIN + 0.3
(3)
V
Other Pins
–0.3
VIN + 0.3
(3)
V
Human Body Model per JESD22-A114
4
kV
ESD
Electrostatic Discharge
Protection Level
Charged Device Model per JESD22-C101
1.5
kV
TJ
Junction Temperature
–40
+150
°C
TSTG
Storage Temperature
–65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
3.
Lesser of 7V or VIN+0.3V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding
them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Supply Voltage Range
2.3
5.5
V
IOUT
Output Current
0
600
mA
L
Inductor
0.47
µH
CIN
Input Capacitor
2.2
µF
COUT
Output Capacitor
4.7
µF
TA
Operating Ambient Temperature
–40
+85
°C
TJ
Operating Junction Temperature
–40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer 1s2p
boards in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction temperature TJ(max) at a
given ambient temperate TA.
Symbol Parameter
Typical
Units
WLCSP
150
°C/W
θJA
Junction-to-Ambient Thermal Resistance
MLP
49
°C/W


Numéro de pièce similaire - FAN5361UC15X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC182X ONSEMI-FAN5361UC182X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
FAN5361UC19X ONSEMI-FAN5361UC19X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Description similaire - FAN5361UC15X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com