Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5361UC12X Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN5361UC12X
Description  6MHz, 600mA TinyBuck??Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5361UC12X Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN5361UC12X Datasheet HTML 1Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 2Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 3Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 4Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 5Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 6Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 7Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 8Page - Fairchild Semiconductor FAN5361UC12X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5361 • Rev. 1.0.0
4
Electrical Characteristics
Minimum and maximum values are at VIN = VEN = 2.3V to 5.5V, AUTO Mode, TA = -40°C to +85°C; circuit of Figure 1, unless
otherwise noted. Typical values are at TA = 25°C, VIN = VEN = 3.6V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
No load, Not Switching
35
55
µA
IQ
Quiescent Current
PWM Mode
6
mA
I(SD)
Shutdown Supply Current
VIN = 3.6V, EN = GND
0.05
1.00
µA
VUVLO
Under-Voltage Lockout Threshold
Rising VIN
2.15
2.25
V
VUVHYST
Under-Voltage Lockout hysteresis
150
mV
V(ENH)
Enable HIGH-Level Input Voltage
1.2
V
V(ENL)
Enable LOW-Level Input Voltage
0.4
V
I(EN)
Enable Input Leakage Current
EN to VIN or GND
0.01
1.00
µA
V(MH)
MODE HIGH-Level Input Voltage
1.2
V
V(ML)
MODE LOW-Level Input Voltage
0.4
V
I(M)
MODE Input Leakage Current
MODE to VIN or GND
0.01
1.00
µA
Switching and Synchronization
fSW
Switching Frequency
VIN = 3.6V, TA = 25°C
5.4
6.0
6.6
MHz
fSYNC
MODE Synchronization Range
(4)
Squarewave at MODE Input
1.3
1.5
1.7
MHz
Regulation
ILOAD = 0 to 600mA
1.784
1.820
1.875
V
1.82V
PWM Mode
1.784
1.820
1.856
V
ILOAD = 0 to 600mA
1.764
1.800
1.854
V
1.80V
PWM Mode
1.764
1.800
1.836
V
ILOAD = 0 to 600mA
1.470
1.500
1.545
V
1.50V
PWM Mode
1.470
1.500
1.530
V
ILOAD = 0 to 600mA
1.274
1.300
1.339
V
1.30V
PWM Mode
1.274
1.300
1.326
V
ILOAD = 0 to 600mA
1.174
1.200
1.239
V
1.20V
PWM Mode
1.174
1.200
1.226
V
ILOAD = 0 to 600mA
0.974
1.000
1.039
V
VO
Output Voltage
Accuracy
1.00V
PWM Mode
0.974
1.000
1.026
V
tSS
Soft-Start
From EN Rising Edge
150
300
µs
Output Driver
PMOS On Resistance
VIN = VGS = 3.6V
350
m
Ω
RDS(on)
NMOS On Resistance
VIN = VGS = 3.6V
225
m
Ω
ILIM
PMOS Peak Current Limit
Open-Loop
900
1000
1250
mA
TTSD
Thermal Shutdown
CCM Only
150
°C
THYS
Thermal Shutdown Hysteresis
15
°C
Notes:
4.
Limited by the effect of tOFF minimum (see Figure 13 in Typical Performance Characteristics).


Numéro de pièce similaire - FAN5361UC12X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5361UC123X ONSEMI-FAN5361UC123X Datasheet
1Mb / 18P
   6 MHz, 600 mA / 750 mA Synchronous Buck Regulator
October-2017, Rev. 2
More results

Description similaire - FAN5361UC12X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5361 FAIRCHILD-FAN5361_10 Datasheet
1Mb / 18P
   6MHz, 600mA / 750mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
ON Semiconductor
FAN53541 ONSEMI-FAN53541 Datasheet
1Mb / 17P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
Rev. 1.1
logo
Fairchild Semiconductor
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN53541 FAIRCHILD-FAN53541 Datasheet
1Mb / 15P
   2.4 MHz, 5 A TinyBuck Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com