Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2108EMPX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN2108EMPX
Description  TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2108EMPX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN2108EMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2108EMPX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2108 • Rev. 1.0.0
7
Typical Characteristics
0.990
0.995
1.000
1.005
1.010
-50
0
50
100
150
Temperature (oC)
0.80
0.90
1.00
1.10
1.20
-50
0
50
100
150
Temperature (oC)
Figure 4. Reference Voltage (VFB)
vs. Temperature, Normalized
Figure 5. Reference Bias Current (IFB)
vs. Temperature, Normalized
0
300
600
900
1200
1500
0
204060
80
100
120
140
RT (K
Ω)
0.98
0.99
1.00
1.01
1.02
-50
0
50
100
150
Temperature (oC)
Figure 6. Frequency vs. RT
Figure 7.
Frequency vs. Temperature, Normalized
0.6
0.8
1
1.2
1.4
-50
0
50
100
150
Temperature (°C)
0.96
0.98
1.00
1.02
1.04
-50
0
50
100
150
Temperature (oC)
Figure 8. RDS vs. Temperature, Normalized
(VCC=VGS=5V)
Figure 9.
ILIM Current (IILIM) vs. Temperature,
Normalized
300KHz
600KHz
Q1 ~0.32%/°C
Q2 ~0.35%/°C


Numéro de pièce similaire - FAN2108EMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2108EMPX FAIRCHILD-FAN2108EMPX_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Description similaire - FAN2108EMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com