Moteur de recherche de fiches techniques de composants électroniques |
|
LC5768MB-45FN208C Fiches technique(PDF) 1 Page - Lattice Semiconductor |
|
LC5768MB-45FN208C Fiches technique(HTML) 1 Page - Lattice Semiconductor |
1 / 92 page www.latticesemi.com 1 5kmx_12.2 ispXPLD 5000MX Family 3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD™ Family March 2006 Data Sheet TM © 2006 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. Features ■ Flexible Multi-Function Block (MFB) Architecture • SuperWIDE™ logic (up to 136 inputs) • Arithmetic capability • Single- or Dual-port SRAM • FIFO • Ternary CAM ■ sysCLOCK™ PLL Timing Control • Multiply and divide between 1 and 32 • Clock shifting capability • External feedback capability ■ sysIO™ Interfaces • LVCMOS 1.8, 2.5, 3.3V – Programmable impedance – Hot-socketing – Flexible bus-maintenance (Pull-up, pull- down, bus-keeper, or none) – Open drain operation • SSTL 2, 3 (I & II) • HSTL (I, III, IV) • PCI 3.3 • GTL+ • LVDS • LVPECL • LVTTL ■ Expanded In-System Programmability (ispXP™) • Instant-on capability • Single chip convenience • In-System Programmable via IEEE 1532 Interface • Infinitely reconfigurable via IEEE 1532 or sysCONFIG™ microprocessor interface • Design security ■ High Speed Operation • 4.0ns pin-to-pin delays, 300MHz fMAX • Deterministic timing ■ Low Power Consumption • Typical static power: 20 to 50mA (1.8V), 30 to 60mA (2.5/3.3V) • 1.8V core for low dynamic power ■ Easy System Integration • 3.3V (5000MV), 2.5V (5000MB) and 1.8V (5000MC) power supply operation • 5V tolerant I/O for LVCMOS 3.3 and LVTTL interfaces • IEEE 1149.1 interface for boundary scan testing • sysIO quick configuration • Density migration • Multiple density and package options • PQFP and fine pitch BGA packaging • Lead-free package options Table 1. ispXPLD 5000MX Family Selection Guide ispXPLD 5256MX ispXPLD 5512MX ispXPLD 5768MX ispXPLD 51024MX Macrocells 256 512 768 1,024 Multi-Function Blocks 8 16 24 32 Maximum RAM Bits 128K 256K 384K 512K Maximum CAM Bits 48K 96K 144K 192K sysCLOCK PLLs 2222 tPD (Propagation Delay) 4.0ns 4.5ns 5.0ns 5.2ns tS (Register Set-up Time) 2.2ns 2.8ns 2.8ns 3.0ns tCO (Register Clock to Out Time) 2.8ns 3.0ns 3.2ns 3.7ns fMAX (Maximum Operating Frequency) 300MHz 275MHz 250MHz 250MHz System Gates 75K 150K 225K 300K I/Os 141 149/193/253 193/317 317/381 Packages 256 fpBGA 208 PQFP 256 fpBGA 484 fpBGA 256 fpBGA 484 fpBGA 484 fpBGA 672 fpBGA |
Numéro de pièce similaire - LC5768MB-45FN208C |
|
Description similaire - LC5768MB-45FN208C |