Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFX500EB-3FN256I Fiches technique(PDF) 6 Page - Lattice Semiconductor

No de pièce LFX500EB-3FN256I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX500EB-3FN256I Fiches technique(HTML) 6 Page - Lattice Semiconductor

Back Button LFX500EB-3FN256I Datasheet HTML 2Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 3Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 4Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 5Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 6Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 7Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 8Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 9Page - Lattice Semiconductor LFX500EB-3FN256I Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
Lattice Semiconductor
ispXPGA Family Data Sheet
6
Configurable Logic Element
The CLE is made up of a four-input Look-up Table (LUT-4), a Carry Chain Generator (CCG), and a two-input AND
gate. The LUT-4 creates various combinatorial and memory elements, the CCG creates a single one-bit full adder,
and the two-input AND gate can expand the CCG to incorporate Booth Multiplier capability by feeding the output of
the AND gate to one of the inputs of the CCG.
Of the five inputs that feed each CLE, two are dedicated inputs into each LUT-4 and the remaining three take on
varying functionality. The third and fourth inputs can be used as either inputs to the LUT-4 or as a Feed-Thru to the
CSE via the WLG. The fifth input can be a data port when the LUT is configured as Distributed Memory, a select
line for multiplexer operation, or a Feed-Thru directly to the CSE via the WLG (Figure 2).
Look-Up Table – Combinatorial Mode
In combinatorial mode, the LUT-4 can implement any logic function up to four inputs. By using the carry chain and
the WLG, each LUT-4 can be combined to form the enhanced functions listed in Table 3.
Look-Up Table – Distributed Memory Mode
In the distributed memory mode, the LUT functions as a memory element. The inputs to the LUT function as
Address and Data. Each PFU is capable of implementing up to 64 SRAM bits. Both single and double port RAM
can be performed in the PFU (Table 3). Furthermore, the distributed memory can be configured as either synchro-
nous or asynchronous memory. Figure 3 illustrates the LUT while in distributed memory mode. When using any
LUT in the PFU in memory mode, the Set/Reset signal will be used for Write Enable (WE(SR)) and the CLK0 signal
will be used as the clock for synchronous read and write.
Figure 3. LUT in Distributed Memory Mode
Look-Up Table – Shift Register Mode
In the shift register mode, the LUT functions as a 1-bit to 8-bit shift register. This means that each PFU can imple-
ment up to four 8-bit shift registers or any cascaded combination. Figure 4 illustrates the LUT when configured in
shift register mode.
LUT-4
ADDR[0] (IN0)
PFUCLK0
ADDR[1] (IN1)
ADDR[2] (IN2)
ADDR[3] (IN3)
CEB0
WE (SR)
DOUT (4A)
DIN (SEL)


Numéro de pièce similaire - LFX500EB-3FN256I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFX500B-3F900C LATTICE-LFX500B-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-3F900I LATTICE-LFX500B-3F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-4F900C LATTICE-LFX500B-4F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500B-4F900I LATTICE-LFX500B-4F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX500C-3F900C LATTICE-LFX500C-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Description similaire - LFX500EB-3FN256I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com