Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFECP10E-5TN100I Fiches technique(PDF) 8 Page - Lattice Semiconductor

No de pièce LFECP10E-5TN100I
Description  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP10E-5TN100I Fiches technique(HTML) 8 Page - Lattice Semiconductor

Back Button LFECP10E-5TN100I Datasheet HTML 4Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 5Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 6Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 7Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 8Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 9Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 10Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 11Page - Lattice Semiconductor LFECP10E-5TN100I Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 163 page
background image
2-5
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Modes of Operation
Each Slice is capable of four modes of operation: Logic, Ripple, RAM and ROM. The Slice in the PFF is capable of
all modes except RAM. Table 2-2 lists the modes and the capability of the Slice blocks.
Table 2-2. Slice Modes
Logic Mode: In this mode, the LUTs in each Slice are configured as 4-input combinatorial lookup tables. A LUT4
can have 16 possible input combinations. Any logic function with four inputs can be generated by programming this
lookup table. Since there are two LUT4s per Slice, a LUT5 can be constructed within one Slice. Larger lookup
tables such as LUT6, LUT7 and LUT8 can be constructed by concatenating other Slices.
Ripple Mode: Ripple mode allows the efficient implementation of small arithmetic functions. In ripple mode, the fol-
lowing functions can be implemented by each Slice:
• Addition 2-bit
• Subtraction 2-bit
• Add/Subtract 2-bit using dynamic control
• Up counter 2-bit
• Down counter 2-bit
• Ripple mode multiplier building block
• Comparator functions of A and B inputs
- A greater-than-or-equal-to B
- A not-equal-to B
- A less-than-or-equal-to B
Ripple Mode includes an optional configuration that performs arithmetic using fast carry chain methods. In this
configuration (also referred to as CCU2 mode) two additional signals, Carry Generate and Carry Propagate, are
generated on a per slice basis to allow fast arithmetic functions to be constructed by concatenating Slices.
RAM Mode: In this mode, distributed RAM can be constructed using each LUT block as a 16x1-bit memory.
Through the combination of LUTs and Slices, a variety of different memories can be constructed.
The Lattice design tools support the creation of a variety of different size memories. Where appropriate, the soft-
ware will construct these using distributed memory primitives that represent the capabilities of the PFU. Table 2-3
shows the number of Slices required to implement different distributed RAM primitives. Figure 2-5 shows the dis-
tributed memory primitive block diagrams. Dual port memories involve the pairing of two Slices, one Slice functions
as the read-write port. The other companion Slice supports the read-only port. For more information about using
RAM in LatticeECP/EC devices, please see the list of technical documentation at the end of this data sheet.
Table 2-3. Number of Slices Required For Implementing Distributed RAM
Logic
Ripple
RAM
ROM
PFU Slice
LUT 4x2 or LUT 5x1
2-bit Arithmetic Unit
SPR16x2
ROM16x1 x 2
PFF Slice
LUT 4x2 or LUT 5x1
2-bit Arithmetic Unit
N/A
ROM16x1 x 2
SPR16x2
DPR16x2
Number of slices
1
2
Note: SPR = Single Port RAM, DPR = Dual Port RAM


Numéro de pièce similaire - LFECP10E-5TN100I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFECP10E-5T100C LATTICE-LFECP10E-5T100C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-5T100I LATTICE-LFECP10E-5T100I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-5T144C LATTICE-LFECP10E-5T144C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFECP10E-5T144I LATTICE-LFECP10E-5T144I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Description similaire - LFECP10E-5TN100I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com