Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFX1200EB-3FE680I Fiches technique(PDF) 1 Page - Lattice Semiconductor

No de pièce LFX1200EB-3FE680I
Description  ispXPGA Family
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFX1200EB-3FE680I Fiches technique(HTML) 1 Page - Lattice Semiconductor

  LFX1200EB-3FE680I Datasheet HTML 1Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 2Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 3Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 4Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 5Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 6Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 7Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 8Page - Lattice Semiconductor LFX1200EB-3FE680I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
www.latticesemi.com
1
DS1026_14.1
ispXPGA Family
July 2008
Data Sheet DS1026
®
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Includes
High-
Performanc
e,
Low-Cost
“E-Series”
■ Non-volatile, Infinitely Reconfigurable
• Instant-on - Powers up in microseconds via
on-chip E
2CMOS® based memory
• No external configuration memory
• Excellent design security, no bit stream to intercept
• Reconfigure SRAM based logic in milliseconds
■ High Logic Density for System-level
Integration
• 139K to 1.25M system gates
• 160 to 496 I/O
• 1.8V, 2.5V, and 3.3V VCC operation
• Up to 414Kb sysMEM™ embedded memory
■ High Performance Programmable Function
Unit (PFU)
• Four LUT-4 per PFU supports wide and narrow
functions
• Dual flip-flops per LUT-4 for extensive pipelining
• Dedicated logic for adders, multipliers, multiplex-
ers, and counters
■ Flexible Memory Resources
• Multiple sysMEM Embedded RAM Blocks
– Single port, Dual port, and FIFO operation
• 64-bit distributed memory in each PFU
– Single port, Double port, FIFO, and Shift
Register operation
■ Flexible Programming, Reconfiguration,
and Testing
• Supports IEEE 1532 and 1149.1
• Microprocessor configuration interface
• Program E
2CMOS while operating from SRAM
■ Eight sysCLOCK™ Phase Locked Loops
(PLLs) for Clock Management
• True PLL technology
• 10MHz to 320MHz operation
• Clock multiplication and division
• Phase adjustment
• Shift clocks in 250ps steps
■ sysIO™ for High System Performance
• High speed memory support through SSTL and
HSTL
• Advanced buses supported through PCI, GTL+,
LVDS, BLVDS, and LVPECL
• Standard logic supported through LVTTL,
LVCMOS 3.3, 2.5 and 1.8
• 5V tolerant I/O for LVCMOS 3.3 and LVTTL
interfaces
• Programmable drive strength for series termination
• Programmable bus maintenance
■ Two Options Available
• High-performance sysHSI (standard part number)
• Low-cost, no sysHSI (“E-Series”)
■ sysHSI™ Capability for Ultra Fast Serial
Communications
• Up to 800Mbps performance
• Up to 20 channels per device
• Built in Clock Data Recovery (CDR) and
Serialization and De-serialization (SERDES)
Table 1. ispXPGA Family Selection Guide
ispXPGA 125/E
ispXPGA 200/E
ispXPGA 500/E
ispXPGA 1200/E
System Gates
139K
210K
476K
1.25M
PFUs
484
676
1764
3844
LUT-4s
1936
2704
7056
15376
Logic FFs
3.8K
5.4K
14.1K
30.7K
sysMEM Memory
92K
111K
184K
414K
Distributed Memory
30K
43K
112K
246K
EBR
20
24
40
90
sysHSI Channels
1
4
8
12
20
User I/O
160/176
160/208
336
496
Packaging
256 fpBGA
516 fpBGA
2
256 fpBGA
516 fpBGA
2
516 fpBGA
2
900 fpBGA
680 fpSBGA
2
900 fpBGA
1. “E-Series” does not support sysHSI.
2. FH516 package was converted to F516 via PCN# 09A-08.


Numéro de pièce similaire - LFX1200EB-3FE680I

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LFX1200B ETC-LFX1200B Datasheet
135Kb / 2P
   EP300 PowerPC Bus Arbiter
logo
Lattice Semiconductor
LFX1200B-03F900C LATTICE-LFX1200B-03F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX1200B-03F900I LATTICE-LFX1200B-03F900I Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX1200B-04F900C LATTICE-LFX1200B-04F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
LFX1200B-3F900C LATTICE-LFX1200B-3F900C Datasheet
941Kb / 89P
   The ispXPGA architecture
More results

Description similaire - LFX1200EB-3FE680I

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
   The ispXPGA architecture
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com