Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9116-EBZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9116-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9116-EBZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9116-EBZ Datasheet HTML 3Page - Analog Devices AD9116-EBZ Datasheet HTML 4Page - Analog Devices AD9116-EBZ Datasheet HTML 5Page - Analog Devices AD9116-EBZ Datasheet HTML 6Page - Analog Devices AD9116-EBZ Datasheet HTML 7Page - Analog Devices AD9116-EBZ Datasheet HTML 8Page - Analog Devices AD9116-EBZ Datasheet HTML 9Page - Analog Devices AD9116-EBZ Datasheet HTML 10Page - Analog Devices AD9116-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 7 of 48
AC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD =
1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted.
Table 3.
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V
fDAC = 125 MSPS, fOUT = 10 MHz
76
85
85
85
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
55
55
55
55
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
81
81
81
82
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
60
60
60
61
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−132
−143
−153
−157
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−128
−138
−146
−149
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−78
−78
−78
−78
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−80
−80
−80
−80
dBc
TMIN to TMAX, AVDD = 1.8 V, DVDD =
1.8 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 8 mA, maximum sample rate, unless
otherwise noted.
Table 4.
Parameter
AD9114
AD9115
AD9116
AD9117
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR) 3.3 V
fDAC = 125 MSPS, fOUT = 10 MHz
73
76
76
76
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
48
48
48
48
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
76
76
76
76
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
50
50
50
50
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−125
−136
−146
−150
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−117
−127
−135
−138
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−69
−69
−69
−69
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−72
−72
−72
−72
dBc


Numéro de pièce similaire - AD9116-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9116-DPG2-EBZ AD-AD9116-DPG2-EBZ Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
More results

Description similaire - AD9116-EBZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9714 AD-AD9714 Datasheet
1Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com