Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN8815A09 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STN8815A09
Description  Mobile multimedia application processor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN8815A09 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STN8815A09 Datasheet HTML 8Page - STMicroelectronics STN8815A09 Datasheet HTML 9Page - STMicroelectronics STN8815A09 Datasheet HTML 10Page - STMicroelectronics STN8815A09 Datasheet HTML 11Page - STMicroelectronics STN8815A09 Datasheet HTML 12Page - STMicroelectronics STN8815A09 Datasheet HTML 13Page - STMicroelectronics STN8815A09 Datasheet HTML 14Page - STMicroelectronics STN8815A09 Datasheet HTML 15Page - STMicroelectronics STN8815A09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
STn8815A09
Architecture overview
11/21
2.3
Smart imaging accelerator (SIA)
The smart imaging accelerator is provided by the image preprocessing module of the SVA.
This flexible imaging engine provides real-time, programmable image processing, and
features:
Shot-to-shot performance (with CMOS sensor):
3 Mpixel, up to 15 image/s,
5 Mpixel, up to 9 image/s.
Direct support for smart sensors (CMOS/CCD modules), unlimited resolution (YUV
input with JPEG compression).
Image reconstruction up to 80 Mpixel/s with raw Bayer input.
With shutter, maximum sensor resolution depends on external SDRAM size and on
target shot-to-shot delay.
Auto-focus control, auto exposure control.
Automatic white balance, contrast enhancement, brightness control.
On-the-fly zoom, flash-gun control.
Noise reduction, gamma correction, image sharpening.
Ultra-low power implementation.
2.4
Smart graphics accelerator (SGA)
The smart graphics accelerator provides an efficient 2D and 3D drawing tool that enables
next generation of games and user interfaces while minimizing power consumption.
2D features
ROP4.
Line drawing.
Triangle and rectangle fill.
Alpha blending bit blit.
Stretch/scale/rotate/mirror bit blit.
Gradient color fill (horizontal and vertical).
Full picture anti-aliasing filter.
Image resizing.
Font-expansion and anti-aliasing text drawing.
3D features
Texture mapping.
Texture transparency/blending/clamping/wrapping/mirroring.
Flat and Gouraud shading.
16-bit Z buffering.
Fog and depth cueing.
Embossed bump mapping texture generation.


Numéro de pièce similaire - STN8815A09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STN8815A12 STMICROELECTRONICS-STN8815A12 Datasheet
300Kb / 22P
   Mobile multimedia application processor
More results

Description similaire - STN8815A09

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STN8815P14 STMICROELECTRONICS-STN8815P14 Datasheet
324Kb / 22P
   Mobile multimedia application processor
STN8811A12 STMICROELECTRONICS-STN8811A12 Datasheet
348Kb / 18P
   Mobile multimedia application processor
STN8810 STMICROELECTRONICS-STN8810_08 Datasheet
300Kb / 16P
   Mobile multimedia application processor
STN8815A12 STMICROELECTRONICS-STN8815A12 Datasheet
300Kb / 22P
   Mobile multimedia application processor
logo
Zoran Corporation
ZR34530 ZORAN-ZR34530_1 Datasheet
91Kb / 2P
   Mobile Multimedia Application Processor
logo
STMicroelectronics
STN8820 STMICROELECTRONICS-STN8820 Datasheet
239Kb / 4P
   Mobile multimedia application processor
STN8815 STMICROELECTRONICS-STN8815 Datasheet
189Kb / 8P
   Nomadik mobile multimedia application processor
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com