Moteur de recherche de fiches techniques de composants électroniques |
|
LC93R-20 Fiches technique(PDF) 3 Page - Bookham, Inc. |
|
LC93R-20 Fiches technique(HTML) 3 Page - Bookham, Inc. |
3 / 4 page Outline Drawing Dimensions are in mm. Fibre Specification Puremode HI980 fibre or equivalent 250 µm primary coated with 900 µm removable protective sleeve, length 1m min. Fibre termination: Angled ceramic ferrule (CT connector). Parameter Min Max Unit Operating temperature -20 75 °C Storage temperature -40 85 °C Laser forward current 700 mA Laser reverse voltage 2 V Heatpump current 1.5 A Lead soldering temperature (10s max) 260 °C Fibre bend radius 30 mm Absolute Ratings 4 x ø2.54 9 9 MIN 12.7 4.59 26 30 21 10.1 6 5 4.5 8.2 17.25 15.2 Package End CT End Bridge Bridge Figure 1: Package Outline Drawing and Dimensions |
Numéro de pièce similaire - LC93R-20 |
|
Description similaire - LC93R-20 |