Moteur de recherche de fiches techniques de composants électroniques |
|
LFE212SE-6F672C Fiches technique(PDF) 2 Page - Lattice Semiconductor |
|
LFE212SE-6F672C Fiches technique(HTML) 2 Page - Lattice Semiconductor |
2 / 386 page www.latticesemi.com 1-1 DS1006 Introduction_01.7 June 2008 Data Sheet DS1006 © 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. Features ■ High Logic Density for System Integration • 6K to 95K LUTs • 90 to 583 I/Os ■ Embedded SERDES (LatticeECP2M Only) • Data Rates 250 Mbps to 3.125 Gbps • Up to 16 channels per device PCI Express, Ethernet (1GbE, SGMII), OBSAI, CPRI and Serial RapidIO. ■ sysDSP™ Block • 3 to 42 blocks for high performance multiply and accumulate • Each block supports – One 36x36, four 18X18 or eight 9X9 multipliers ■ Flexible Memory Resources • 55Kbits to 5308Kbits sysMEM™ Embedded Block RAM (EBR) – 18Kbit block – Single, pseudo dual and true dual port – Byte Enable Mode support • 12K to 202Kbits distributed RAM – Single port and pseudo dual port ■ sysCLOCK Analog PLLs and DLLs • Two GPLLs and up to six SPLLs per device – Clock multiply, divide, phase & delay adjust – Dynamic PLL adjustment • Two general purpose DLLs per device ■ Pre-Engineered Source Synchronous I/O • DDR registers in I/O cells • Dedicated gearing logic • Source synchronous standards support – SPI4.2, SFI4 (DDR Mode), XGMII – High Speed ADC/DAC devices • Dedicated DDR and DDR2 memory support – DDR1: 400 (200MHz) / DDR2: 533 (266MHz) • Dedicated DQS support ■ Programmable sysI/O™ Buffer Supports Wide Range Of Interfaces • LVTTL and LVCMOS 33/25/18/15/12 • SSTL 3/2/18 I, II • HSTL15 I and HSTL18 I, II • PCI and Differential HSTL, SSTL • LVDS, RSDS, Bus-LVDS, MLVDS, LVPECL ■ Flexible Device Configuration • 1149.1 Boundary Scan compliant • Dedicated bank for configuration I/Os • SPI boot flash interface • Dual boot images supported • TransFR™ I/O for simple field updates • Soft Error Detect macro embedded ■ Optional Bitstream Encryption (LatticeECP2/M “S” Versions Only) ■ System Level Support • ispTRACY™ internal logic analyzer capability • On-chip oscillator for initialization & general use • 1.2V power supply Table 1-1. LatticeECP2 (Including “S-Series”) Family Selection Guide Device ECP2-6 ECP2-12 ECP2-20 ECP2-35 ECP2-50 ECP2-70 LUTs (K) 6 12 21 32 48 68 Distributed RAM (Kbits) 12 24 42 64 96 136 EBR SRAM (Kbits) 55 221 276 332 387 1032 EBR SRAM Blocks 3 12 15 18 21 60 sysDSP Blocks 3678 18 22 18x18 Multipliers 12 24 28 32 72 88 GPLL + SPLL + DLL 2+0+2 2+0+2 2+0+2 2+0+2 2+2+2 2+4+2 Maximum Available I/O 190 297 402 450 500 583 Packages and I/O Combinations 144-pin TQFP (20 x 20 mm) 90 93 208-pin PQFP (28 x 28 mm) 131 131 256-ball fpBGA (17 x 17 mm) 190 193 193 484-ball fpBGA (23 x 23 mm) 297 331 331 339 672-ball fpBGA (27 x 27 mm) 402 450 500 500 900-ball fpBGA (31 x 31 mm) 583 LatticeECP2/M Family Data Sheet Introduction |
Numéro de pièce similaire - LFE212SE-6F672C |
|
Description similaire - LFE212SE-6F672C |