Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC4128ZE5TN48IES Fiches technique(PDF) 11 Page - Lattice Semiconductor

No de pièce LC4128ZE5TN48IES
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE5TN48IES Fiches technique(HTML) 11 Page - Lattice Semiconductor

Back Button LC4128ZE5TN48IES Datasheet HTML 7Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 8Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 9Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 10Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 11Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 12Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 13Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 14Page - Lattice Semiconductor LC4128ZE5TN48IES Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
11
Figure 9. Power Guard
All the I/O pins in a block share a common Power Guard Enable signal. For a block of I/Os, this signal is called a
Block Input Enable (BIE) signal. BIE can be internally generated using MC logic, or could come from external
sources using one of the user I/O or input pins.
Any I/O pin in the block can be programmed to ignore the BIE signal. Thus, the feature can be enabled or disabled
on a pin-by-pin basis.
Figure 10 shows Power Guard and BIE across multiple I/Os in a block that has eight I/Os.
Figure 10. Power Guard and BIE in a Block with 8 I/Os
0
1
E
Q
D
Power Guard
Power Guard
To Macrocell
I/O 0
I/O 1
I/O 7
To GRP
0
1
To Macrocell
To GRP
To Macrocell
To GRP
Block Input Enable (BIE)
From Block PT. The Block PT
is part of the block AND Array,
and can be driven by signals
from the GRP.
Power Guard
Power Guard
0
1
0
1


Numéro de pièce similaire - LC4128ZE5TN48IES

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Description similaire - LC4128ZE5TN48IES

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com