Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6T27AY Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce SM6T27AY
Description  TransilTM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T27AY Fiches technique(HTML) 6 Page - STMicroelectronics

  SM6T27AY Datasheet HTML 1Page - STMicroelectronics SM6T27AY Datasheet HTML 2Page - STMicroelectronics SM6T27AY Datasheet HTML 3Page - STMicroelectronics SM6T27AY Datasheet HTML 4Page - STMicroelectronics SM6T27AY Datasheet HTML 5Page - STMicroelectronics SM6T27AY Datasheet HTML 6Page - STMicroelectronics SM6T27AY Datasheet HTML 7Page - STMicroelectronics SM6T27AY Datasheet HTML 8Page - STMicroelectronics SM6T27AY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Order information scheme
SM6T
6/9
2
Order information scheme
Figure 10.
Order information scheme
3
Packaging information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
SM
6T
100
CAY
Surface Mount
Peak Pulse Power
Breakdown Voltage
Types
6T = 600 W Transil
100 = 100 V
CA = Bidirectional
A = Unidirectional
Y = Automotive grade
Table 5.
SMB package dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
E
C
L
E1
D
A1
A2
b


Numéro de pièce similaire - SM6T27AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T27AY STMICROELECTRONICS-SM6T27AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

Description similaire - SM6T27AY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com