Moteur de recherche de fiches techniques de composants électroniques |
|
M74HC133 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
M74HC133 Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 9 page M74HC133 4/9 AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns) CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC TEST CIRCUIT CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50Ω) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tTLH tTHL Output Transition Time 2.0 30 75 95 110 ns 4.5 8 151922 6.0 7 131619 tPLH tPHL Propagation Delay Time 2.0 42 130 165 195 ns 4.5 16 26 33 39 6.0 14 22 28 33 Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 5.0 5 101010 pF CPD Power Dissipation Capacitance (note 1) 5.0 29 pF |
Numéro de pièce similaire - M74HC133 |
|
Description similaire - M74HC133 |