Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AAT3680_06 Datasheet(Fiches technique) 6 Page - Advanced Analogic Technologies

Numéro de pièce AAT3680_06
Description  Lithium-Ion/Polymer Linear Battery Charge Controller
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo 

 6 page
background image
AAT3680
Lithium-Ion/Polymer
Linear Battery Charge Controller
6
3680.2006.03.1.6
Constant Voltage Charging
When the battery voltage reaches V
CH during con-
stant current mode, the AAT3680 transitions to con-
stant voltage mode. The regulation voltage is fac-
tory programmed: 4.1V and 4.2V are available to
support different anode materials in lithium-ion/poly-
mer cells.
In constant voltage operation, the
AAT3680 monitors the cell voltage and terminates
the charging cycle when the voltage across R
SENSE
decreases to approximately 10mV.
Charge Cycle Termination, Recharge
Sequence
After the charge cycle is complete, the AAT3680
latches off the pass device and automatically enters
power-saving sleep mode. Either of two possible
conditions will bring the IC out of sleep mode: the
battery voltage at the BAT pin drops below V
RCH
(recharge threshold voltage) or the AAT3680 is reset
by cycling the input supply through the power-on
sequence. Falling below V
RCH signals the IC that it
is time to initiate a new charge cycle.
Figure 1: AAT3680 Operational Flow Chart.
UVLO
Temperature Test
TS > V
TS1
TS < V
TS2
Power On Reset
Power On Reset
Preconditioning Test
Current Phase Test
V
CH >VBAT
V
MIN >VBAT
V
TERM
R
SENSE
<V
RCH
Voltage
Phase Test
V
P > VUVLO
Shut Down
Mode
Shutdown
Mode
Yes
No
Yes
Yes
Low Current
Conditioning
Charge
Low Current
Conditioning
Charge
(Trickle Charge)
Temperature
Fault
Temperature
Fault
No
No
Current
Charging
Mode
Current
Charging
Mode
Yes
Voltage
Charging
Mode
< I
BAT
No
Yes
No
Charge Complete
Latch Off
Charge Complete
Latch Off
Voltage
Charging
Mode




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AAT3680Lithium-Ion/Polymer Linear Battery Charge Controller 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
MCP73833Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller 1 2 3 4 5 MoreMicrochip Technology
EUP8051Low Cost 1A Linear Battery Charge Controllers 1 2 3 4 5 MoreEutech Microelectronics Inc
NCP1800_04Single-Cell Lithium Ion Battery Charge Controller 1 2 3 4 5 MoreON Semiconductor
MCP73837Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection 1 2 3 4 5 MoreMicrochip Technology
AAT3682Lithium-Ion/Polymer Linear Battery Charger 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT3685Lithium-Ion/Polymer Battery Charger 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT37831-A Linear Li-Ion/Polymer Battery Charger with 28V Over-Voltage Protection 1 2 3 4 5 MoreAdvanced Analogic Technologies
HIP6502_00Multiple Linear Power Controller with ACPI Control Interface 1 2 3 4 5 MoreIntersil Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl