Moteur de recherche de fiches techniques de composants électroniques |
|
TS482ID Fiches technique(PDF) 7 Page - STMicroelectronics |
|
TS482ID Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 26 page Electrical Characteristics TS482 7/26 Table 7. Components description Components Functional Description Rin Inverting input resistor which sets the closed loop gain in conjunction with Rfeed. This resistor also forms a high pass filter with Cin (fc = 1 / (2 x Pi x Rin x Cin)) Cin Input coupling capacitor which blocks the DC voltage at the amplifier input terminal Rfeed Feed back resistor which sets the closed loop gain in conjunction with Rin Cs Supply Bypass capacitor which provides power supply filtering Cb Bypass capacitor which provides half supply filtering Cout Output coupling capacitor which blocks the DC voltage at the load input terminal This capacitor also forms a high pass filter with RL (fc = 1 / (2 x Pi x RL x Cout)) Rpol These 2 resistors form a voltage divider which provide a DC biasing voltage (Vcc/2) for the 2 amplifiers. Av Closed loop gain = -Rfeed / Rin |
Numéro de pièce similaire - TS482ID |
|
Description similaire - TS482ID |