Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7563A Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TDA7563A
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563A Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TDA7563A Datasheet HTML 6Page - STMicroelectronics TDA7563A Datasheet HTML 7Page - STMicroelectronics TDA7563A Datasheet HTML 8Page - STMicroelectronics TDA7563A Datasheet HTML 9Page - STMicroelectronics TDA7563A Datasheet HTML 10Page - STMicroelectronics TDA7563A Datasheet HTML 11Page - STMicroelectronics TDA7563A Datasheet HTML 12Page - STMicroelectronics TDA7563A Datasheet HTML 13Page - STMicroelectronics TDA7563A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
TDA7563A
10/35
2.4
Electrical characteristics curves
VO
Offset detection
Power amplifier in play, STD mode
AC input signals = 0
±1.5
±2
±2.5
V
INL
Normal load current detection
VO < (VS-5)pk
500
mA
IOL
Open load current detection
250
mA
I2C bus interface
SCL
Clock frequency
400
kHz
VIL
Input low voltage
1.5
V
VIH
Input high voltage
2.3
V
Figure 5.
Quiescent current vs. supply voltage
Figure 6.
Output power vs. supply voltage (4
Ω)
Figure 7.
Output power vs. supply voltage (2
Ω) Figure 8.
Distortion vs. output power (4
Ω, STD)
Table 3.
Electrical characteristics (continued)
(Refer to the test circuit, VS = 14.4V; f=1kHz; RL=4Ω; Tamb= 25°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
8
10
121416
18
Vs (V)
70
90
110
130
150
170
190
210
230
250
Id (mA)
Vin = 0
NO LOADS
Vs (V)
8
9
10
11
12
13
14
15
16
17
18
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Po (W)
RL = 4 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
8
9
10
11
12
13
14
15
16
Vs (V)
10
20
30
40
50
60
70
80
90
100
Po (W)
RL = 2 Ohm
f = 1 KHz
THD = 10 %
Po-max
THD = 1 %
0.001
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
STANDARD MODE
VS = 14.4 V
RL = 4
Ω
f = 1 KHz
f = 10 KHz
AC00251


Numéro de pièce similaire - TDA7563A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
   4 x 50W multifunction quad power amplifier with built-in diagnostics feature
TDA7563BH STMICROELECTRONICS-TDA7563BH Datasheet
508Kb / 33P
   4 x 50W multifunction quad power amplifier with built-in diagnostics feature
TDA7563BPD STMICROELECTRONICS-TDA7563BPD Datasheet
508Kb / 33P
   4 x 50W multifunction quad power amplifier with built-in diagnostics feature
TDA7563BPDTR STMICROELECTRONICS-TDA7563BPDTR Datasheet
508Kb / 33P
   4 x 50W multifunction quad power amplifier with built-in diagnostics feature
More results

Description similaire - TDA7563A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
   4 x 50W multifunction quad power amplifier with built-in diagnostics feature
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
   4 x 50W multifunction quad power amplifier with built-in diagnostics features
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
   MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
TDA7566 STMICROELECTRONICS-TDA7566_10 Datasheet
370Kb / 29P
   4 x 40 W multifunction quad power amplifier with built-in diagnostics features
TDA7562BEP STMICROELECTRONICS-TDA7562BEP Datasheet
635Kb / 34P
   4 x 46 W multifunction quad power amplifier with built-in diagnostics features
February 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com