Moteur de recherche de fiches techniques de composants électroniques |
|
GS-12S0181.9 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
GS-12S0181.9 Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 14 page Application information GS-R12FP 8/14 4.6 Thermal shutdown The shutdown block generates a signal that turns OFF the power stage if the temperature of the internal chip goes higher than a fixed internal threshold (150 °C min). The sensing element of the chip is very close to the PDMOS area, so ensuring an accurate and fast temperature detection. An hysteresis of approximately 20 °C avoids that the devices turns ON and OFF continuously. 4.7 Output voltage programming (GS-R12FP0001.9 only) The GS-R12FP0001.9 output voltage is 5.54 V ±4 %, to reduce this value connect a resistor between pin 10 (FB) and pin 9 (Vout). The resistor must be located very close to the proper pins, to minimize the injected noise (see Figure 4). The resistor value is calculated using the following formula: Rv = [(Vout - 1.235) * 11.3] / 5.54 - Vout) --[kΩ] Vout can be adjusted between 1.235 V (Rv = 0 Ω) and 5.54 V (Rv = open) 4.8 Loop compensation (GS-R12FP0001.9 only) If required by particular load conditions, it is possible to change the feedback loop compensation, adding an external capacitor between pin 10 (FB) and pin 9 (Vout), which will act as speed up (see Figure 5). |
Numéro de pièce similaire - GS-12S0181.9 |
|
Description similaire - GS-12S0181.9 |