Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB25-800CWRG Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce BTB25-800CWRG
Description  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB25-800CWRG Fiches technique(HTML) 2 Page - STMicroelectronics

  BTB25-800CWRG Datasheet HTML 1Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 2Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 3Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 4Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 5Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 6Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 7Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 8Page - STMicroelectronics BTB25-800CWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Characteristics
BTA24, BTB24, BTA25, BTA26, BTB26, T25
2/12
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TOP3
Tc = 105° C
25
A
D2PAK /
TO-220AB
Tc = 100° C
RD91 Ins/
TOP3 Ins.
Tc = 100° C
TO-220AB Ins.
Tc = 75° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
250
A
F = 60 Hz
t = 16.7 ms
260
I²tI²t Value for fusing
tp = 10 ms
340
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25° C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
Table 3.
Electrical characteristics (Tj = 25° C, unless otherwise specified), Snubberless and
logic level (3 quadrants) T25, BTA/BTB24...W, BTA25...W, BTA26...W
Symbol
Test Conditions
Quadrant
T25
BTA/BTB
Unit
T2535
CW
BW
IGT
(1)
VD = 12 V RL = 33 Ω
I - II - III
MAX.
35
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
I - II - III
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
50
50
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
70
70
80
mA
II
80
80
100
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125° C
MIN.
500
500
1000
V/µs
(dI/dt)c (2)
Without snubber
Tj = 125° C
MIN.
13
13
22
A/ms
1.
minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.


Numéro de pièce similaire - BTB25-800CWRG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB25-800CWRG STMICROELECTRONICS-BTB25-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB25-800CWRG STMICROELECTRONICS-BTB25-800CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Description similaire - BTB25-800CWRG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com