Moteur de recherche de fiches techniques de composants électroniques |
|
74VHC125 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
74VHC125 Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 12 page 74VHC125 3/12 Table 6: DC Specifications Table 7: AC Electrical Characteristics (Input tr = tf = 3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 3.0 to 5.5 0.7VCC 0.7VCC 0.7VCC VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 3.0 to 5.5 0.3VCC 0.3VCC 0.3VCC VOH High Level Output Voltage 2.0 IO=-50 µA 1.9 2.0 1.9 1.9 V 3.0 IO=-50 µA 2.9 3.0 2.9 2.9 4.5 IO=-50 µA 4.4 4.5 4.4 4.4 3.0 IO=-4 mA 2.58 2.48 2.4 4.5 IO=-8 mA 3.94 3.8 3.7 VOL Low Level Output Voltage 2.0 IO=50 µA 0.0 0.1 0.1 0.1 V 3.0 IO=50 µA 0.0 0.1 0.1 0.1 4.5 IO=50 µA 0.0 0.1 0.1 0.1 3.0 IO=4 mA 0.36 0.44 0.55 4.5 IO=8 mA 0.36 0.44 0.55 IOZ High Impedance Output Leakage Current 5.5 VI = VIH or VIL VO = VCC or GND ±0.25 ± 2.5 ± 2.5 µA II Input Leakage Current 0 to 5.5 VI = 5.5V or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 5.5 VI = VCC or GND 440 40 µA Symbol Parameter Test Condition Value Unit VCC (V) CL (pF) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPLH tPHL Propagation Delay Time 3.3(*) 15 5.6 8.0 1.0 9.5 1.0 9.5 ns 3.3(*) 50 8.1 11.5 1.0 13.0 1.0 13.0 5.0(**) 15 3.8 5.5 1.0 6.5 1.0 6.5 5.0(**) 50 5.3 7.5 1.0 8.5 1.0 8.5 tPLZ tPHZ Output Disable Time 3.3(*) 15 RL = 1 KΩ 5.4 8.0 1.0 9.5 1.0 9.5 ns 3.3(*) 50 RL = 1 KΩ 7.9 11.5 1.0 13.0 1.0 13.0 5.0(**) 15 RL = 1 KΩ 3.6 5.1 1.0 6.0 1.0 6.0 5.0(**) 50 RL = 1 KΩ 5.1 7.1 1.0 8.0 1.0 8.0 tPZL tPZH Output Enable Time 3.3(*) 50 RL = 1 KΩ 9.5 13.2 1.0 15.0 1.0 15.0 ns 5.0(**) 50 RL = 1 KΩ 6.1 8.8 1.0 10.0 1.0 10.0 |
Numéro de pièce similaire - 74VHC125 |
|
Description similaire - 74VHC125 |