Moteur de recherche de fiches techniques de composants électroniques |
|
TL431AID Fiches technique(PDF) 7 Page - STMicroelectronics |
|
TL431AID Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 15 page TL431 Electrical characteristics 7/15 Figure 10. Reference voltage vs. temperature Figure 11. Reference voltage vs. cathode current -40 -20 0 20 40 60 80 100 2.44 2.46 2.48 2.50 2.52 2.54 V KA = V REF I K = 10 mA Temperature ( °C) -1 0 1 2 3 -50 -25 0 25 50 75 100 T AMB =+25 °C Cathode voltage V KA (V) Figure 12. Reference voltage vs. cathode current Figure 13. Reference current vs. temperature -1 0 123 -2 -1 0 1 2 T AMB = +25 °C Cathode voltage V KA (V) −40 −20 0 20 40 60 80 100 0.0 0.5 1.0 1.5 2.0 I K =10 mA R 1 =10k Ω R2= + ∝ Temperature °C Figure 14. Off-state cathode current vs. temperature Figure 15. Ratio of change in Vref to change in VKA vs. temperature -40 -20 0 20 40 60 80 100 0.0 0.5 1.0 1.5 2.0 V KA = 36 V V REF = 0 V Temperature ( °C) -40 -20 0 20 40 60 80 100 -2.0 -1.5 -1.0 -0.5 0.0 I K = 10 mA Temperature ( °C) |
Numéro de pièce similaire - TL431AID |
|
Description similaire - TL431AID |