Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX3245 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 74LVX3245
Description  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX3245 Fiches technique(HTML) 5 Page - STMicroelectronics

  74LVX3245 Datasheet HTML 1Page - STMicroelectronics 74LVX3245 Datasheet HTML 2Page - STMicroelectronics 74LVX3245 Datasheet HTML 3Page - STMicroelectronics 74LVX3245 Datasheet HTML 4Page - STMicroelectronics 74LVX3245 Datasheet HTML 5Page - STMicroelectronics 74LVX3245 Datasheet HTML 6Page - STMicroelectronics 74LVX3245 Datasheet HTML 7Page - STMicroelectronics 74LVX3245 Datasheet HTML 8Page - STMicroelectronics 74LVX3245 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVX3245
5/13
Table 9: AC Electrical Characteristics (CL = 50pF, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW
2) Parameter guaranteed by design
3) Typical values at VCCA = 3.3V, VCCB = 5.0V
(*) Voltage range is 3.0V
± 0.3V
Symbol
Parameter
Test Condition
Value (3)
Unit
VCCA
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Time (An to Bn)
2.7
1.0
9.0
1.0
10.0
ns
3.0(*)
1.0
5.4
8.0
1.0
8.5
1.0
9.5
tPHL
Propagation Delay
Time (An to Bn)
2.7
1.0
8.5
1.0
9.5
3.0(*)
1.0
5.6
7.5
1.0
8.0
1.0
9.5
tPZL
Output Enable
Time (G to Bn)
2.7
1.0
9.0
1.0
10.0
ns
3.0(*)
1.0
4.8
8.0
1.0
8.5
1.0
9.5
tPZH
Output Enable
Time (G to Bn)
2.7
1.0
9.5
1.0
10.5
3.0(*)
1.0
6.3
8.5
1.0
9.0
1.0
10.0
tPLZ
Output Disable
Time (G to Bn)
2.7
1.0
8.5
1.0
9.5
ns
3.0(*)
1.0
5.3
7.5
1.0
8.5
1.0
9.5
tPHZ
Output Disable
Time (G to Bn)
2.7
1.0
8.0
1.0
9.0
3.0(*)
1.0
4.2
7.0
1.0
7.5
1.0
8.5
tPLH
Propagation Delay
Time (Bn to An)
2.7
1.0
8.5
1.0
9.5
ns
3.0(*)
1.0
5.1
7.5
1.0
8.0
1.0
8.5
tPHL
Propagation Delay
Time (Bn to An)
2.7
1.0
8.5
1.0
9.0
3.0(*)
1.0
5.7
7.5
1.0
8.0
1.0
8.5
tPZL
Output Enable
Time (G to An)
2.7
1.0
9.5
1.0
10.0
ns
3.0(*)
1.0
6.3
8.5
1.0
9.0
1.0
9.5
tPZH
Output Enable
Time (G to An)
2.7
1.0
10.0
1.0
10.5
3.0(*)
1.0
6.8
9.0
1.0
9.5
1.0
10.0
tPLZ
Output Disable
Time (G to An)
2.7
1.0
9.0
1.0
9.5
ns
3.0(*)
1.0
5.3
8.0
1.0
8.5
1.0
9.0
tPHZ
Output Disable
Time (G to An)
2.7
1.0
7.5
1.0
8.0
3.0(*)
1.0
3.7
6.5
1.0
7.0
1.0
8.0
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7
0.5
1.0
1.5
1.5
ns
3.0(*)
0.5
1.0
1.5
1.5


Numéro de pièce similaire - 74LVX3245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
ON Semiconductor
74LVX3245 ONSEMI-74LVX3245 Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
STMicroelectronics
74LVX3245M STMICROELECTRONICS-74LVX3245M Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Fairchild Semiconductor
74LVX3245MTC FAIRCHILD-74LVX3245MTC Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results

Description similaire - 74LVX3245

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com