Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2349AQTR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce ST2349AQTR
Description  4-bit dual supply level translator without direction control pin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349AQTR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button ST2349AQTR Datasheet HTML 4Page - STMicroelectronics ST2349AQTR Datasheet HTML 5Page - STMicroelectronics ST2349AQTR Datasheet HTML 6Page - STMicroelectronics ST2349AQTR Datasheet HTML 7Page - STMicroelectronics ST2349AQTR Datasheet HTML 8Page - STMicroelectronics ST2349AQTR Datasheet HTML 9Page - STMicroelectronics ST2349AQTR Datasheet HTML 10Page - STMicroelectronics ST2349AQTR Datasheet HTML 11Page - STMicroelectronics ST2349AQTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Maximum rating
ST2349A
8/23
4
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
4.1
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VL
Supply voltage
-0.3 to 4.6
V
VCC
Supply voltage
-0.3 to 6.5
V
VOE
DC control input voltage
-0.3 to 6.5
V
VI/OVL
DC I/OVL input voltage (OE = GND or VL)
-0.3 to VL + 0.3
V
VI/OVCC DC I/OVCC input voltage (OE = GND or VL)
-0.3 to VCC + 0.3
V
IIK
DC input diode current
-20
mA
II/OVL
DC output current
±25
mA
II/OVCC
DC output current
±258
mA
ISCTOUT Short circuit duration, continuous
40
mA
PD
Power dissipation(1)
1.
500mW: 65 oC derated to 300 mW by 10W/oC: 65 oC to 85 oC
500
mW
TSTG
Storage temperature
-65 to 150
oC
TL
Lead temperature (10 seconds)
300
oC
ESD
Electrostatic discharge protection (HBM)
±2
kV
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VL
Supply voltage
1.65
3.6
V
VCC
(1)
1.
VCC must be greater than VL.
Supply voltage
1.8
5.5
V
VOE
Input voltage
(OE output enable pin, VL power supply referred)
03.6
V
VI/OVL
I/OVL voltage
0
VL
V
VI/OVCC I/OVCC voltage
0
VCC
V
Top
Operating temperature
-40
85
oC
dt/dV
Input rise and fall time (for 90 Mbps operation)
0
1
ns/V


Numéro de pièce similaire - ST2349AQTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349QTR STMICROELECTRONICS-ST2349QTR Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
More results

Description similaire - ST2349AQTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2149B STMICROELECTRONICS-ST2149B Datasheet
274Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2349 STMICROELECTRONICS-ST2349 Datasheet
416Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2149 STMICROELECTRONICS-ST2149 Datasheet
436Kb / 23P
   4-bit dual supply level translator without direction control pin
ST2329 STMICROELECTRONICS-ST2329_08 Datasheet
435Kb / 21P
   2-bit dual supply level translator without direction control pin
ST2329A STMICROELECTRONICS-ST2329A Datasheet
450Kb / 23P
   2-bit dual supply level translator without direction control pin
ST2129QTR STMICROELECTRONICS-ST2129QTR Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
ST2129 STMICROELECTRONICS-ST2129 Datasheet
505Kb / 20P
   2-bit dual supply level translator without direction control pin
September 2009 Rev 1
ST2189 STMICROELECTRONICS-ST2189 Datasheet
461Kb / 21P
   8-bit dual supply level translator without direction control pin
August 2009 Rev 1
ST2129B STMICROELECTRONICS-ST2129B Datasheet
1Mb / 21P
   2-bit dual supply level translator without direction control pin, push-pull output
February 2013 Rev 2
ST2329B STMICROELECTRONICS-ST2329B Datasheet
702Kb / 23P
   2-bit dual supply level translator without direction control pin, open drain output
February 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com