Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HCT174 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce M74HCT174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT174 Fiches technique(HTML) 4 Page - STMicroelectronics

  M74HCT174 Datasheet HTML 1Page - STMicroelectronics M74HCT174 Datasheet HTML 2Page - STMicroelectronics M74HCT174 Datasheet HTML 3Page - STMicroelectronics M74HCT174 Datasheet HTML 4Page - STMicroelectronics M74HCT174 Datasheet HTML 5Page - STMicroelectronics M74HCT174 Datasheet HTML 6Page - STMicroelectronics M74HCT174 Datasheet HTML 7Page - STMicroelectronics M74HCT174 Datasheet HTML 8Page - STMicroelectronics M74HCT174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M74HCT174
4/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per FLIP/
FLOP)
And the total CPD when N pcs of FLIP-FLOP operate can be gained by the following equation : CPD (total) = 38 + 15 x n
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
8
151922
ns
tPLH tPHL Propagation Delay
Time (CLOCK - Q)
4.5
18
28
35
ns
tPLH tPHL Propagation Delay
Time (CLEAR - Q)
4.5
18
28
35
42
ns
fMAX
Maximum Clock
Frequency
4.5
30
56
24
MHz
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
4.5
8
151922
ns
tW(L)
Minimum Pulse
Width (CLEAR)
4.5
8
151922
ns
ts
Minimum Set-up
Time
4.5
2
101315
ns
th
Minimum Hold
Time
4.5
5
6
8
ns
tREM
Minimum Removal
Time
4.5
5
5
5
5
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
68
pF


Numéro de pièce similaire - M74HCT174

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HCT174 STMICROELECTRONICS-M74HCT174 Datasheet
245Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174B1R STMICROELECTRONICS-M74HCT174B1R Datasheet
245Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174C1R STMICROELECTRONICS-M74HCT174C1R Datasheet
245Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HCT174M1R STMICROELECTRONICS-M74HCT174M1R Datasheet
245Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results

Description similaire - M74HCT174

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com