Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HCT132TTR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M74HCT132TTR
Description  QUAD 2-INPUT SCHMITT NAND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT132TTR Fiches technique(HTML) 6 Page - STMicroelectronics

  M74HCT132TTR Datasheet HTML 1Page - STMicroelectronics M74HCT132TTR Datasheet HTML 2Page - STMicroelectronics M74HCT132TTR Datasheet HTML 3Page - STMicroelectronics M74HCT132TTR Datasheet HTML 4Page - STMicroelectronics M74HCT132TTR Datasheet HTML 5Page - STMicroelectronics M74HCT132TTR Datasheet HTML 6Page - STMicroelectronics M74HCT132TTR Datasheet HTML 7Page - STMicroelectronics M74HCT132TTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M74HCT132
6/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Numéro de pièce similaire - M74HCT132TTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
More results

Description similaire - M74HCT132TTR

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
   Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
   Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
February 2000
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
49Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1998
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
   QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
   QUAD 2-INPUT SCHMITT NAND GATE
March 2002
74VHC132 STMICROELECTRONICS-74VHC132 Datasheet
53Kb / 7P
   QUAD 2-INPUT SCHMITT NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com