Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ174TTR Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 74LVQ174TTR
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ174TTR Fiches technique(HTML) 4 Page - STMicroelectronics

  74LVQ174TTR Datasheet HTML 1Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 2Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 3Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 4Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 5Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 6Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 7Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 8Page - STMicroelectronics 74LVQ174TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
74LVQ174
4/13
Table 7: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Table 8: AC Electrical Characteristics (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
3.3
2
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
3.3
0.8
V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time CK to Q
2.7
6.7
11.0
12.5
14.5
ns
3.3(*)
5.5
8.0
9.5
11.0
tPHL
Propagation Delay
Time CLR to Q
2.7
8.3
13.5
15.5
18.0
ns
3.3(*)
7.0
10.0
11.5
13.0
tW(L)
CLR Pulse Width,
LOW
2.7
4.0
1.0
4.0
5.0
ns
3.3(*)
3.0
1.0
3.0
4.0
tW
CLOCK Pulse
Width, HIGH or
LOW
2.7
4.0
1.0
4.0
5.0
ns
3.3(*)
3.0
1.0
3.0
4.0
tsL
tsH
Setup Time D to
CK, HIGH or LOW
2.7
4.0
-0.5
4.0
4.0
ns
3.3(*)
3.0
-0.4
3.0
3.0
thL
thH
Hold Time D to CK,
HIGH or LOW
2.7
3.0
0.5
3.0
3.0
ns
3.3(*)
2.0
0.4
2.0
2.0
tREM
Recovery Time
CLR to CK
2.7
3.0
-0.3
3.0
3.0
ns
3.3(*)
2.0
-0.3
2.0
2.0
fMAX
Maximum Clock
Frequency
2.7
60
150
50
50
MHz
3.3(*)
90
150
70
70
tOSLH
tOSHL
Output To Output
Skew Time
(note1, 2)
2.7
0.5
1.0
1.0
1.0
ns
3.3(*)
0.5
1.0
1.0
1.0


Numéro de pièce similaire - 74LVQ174TTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVQ174T STMICROELECTRONICS-74LVQ174T Datasheet
71Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
February 1999
More results

Description similaire - 74LVQ174TTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com