Moteur de recherche de fiches techniques de composants électroniques |
|
TL084BCN Fiches technique(PDF) 3 Page - STMicroelectronics |
|
TL084BCN Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 16 page TL084 Absolute maximum ratings and operating conditions 3/16 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit TL084M, AM, BM TL084I, AI, BI TL084C, AC, BC VCC Supply voltage (1) ±18 V Vi Input voltage (2) ±15 V Vid Differential input voltage (3) ±30 V Rthja Thermal resistance junction to ambient(4) (5) SO-14 DIP14 TSSOP14 105 80 100 °C/W Rthjc Thermal resistance junction to case(4) (5) SO-14 DIP14 TSSOP14 31 33 32 °C/W Ptot Power dissipation 680 mW Output short-circuit duration (6) Infinite Toper Operating free-air temperature range -55 to +125 -40 to +105 0 to +70 °C Tstg Storage temperature range -65 to +150 °C ESD HBM: human body model(7) 1000 V MM: machine model(8) 150 CDM: charged device model(9) 1500 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and V CC -. 2. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 3. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 4. Short-circuits can cause excessive heating and destructive dissipation. 5. Rth are typical values. 6. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 7. Human body model: 100pF discharged through a 1.5k Ω resistor between two pins of the device, done for all couples of pin combinations with other pins floating. 8. Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with other pins floating. 9. Charged device model: all pins plus package are charged together to the specified voltage and then discharged directly to the ground. Table 2. Operating conditions Symbol Parameter TL084M, AM, BM TL084I, AI, BI TL084C, AC, BC Unit VCC Supply voltage range 6 to 36 V Toper Operating free-air temperature range -55 to +125 -40 to +105 0 to +70 °C |
Numéro de pièce similaire - TL084BCN |
|
Description similaire - TL084BCN |