Moteur de recherche de fiches techniques de composants électroniques |
|
LM158D Fiches technique(PDF) 6 Page - STMicroelectronics |
|
LM158D Fiches technique(HTML) 6 Page - STMicroelectronics |
6 / 19 page Electrical characteristics LM158-LM258-LM358 6/19 CMR Common mode rejection ratio Rs ≤ 10 kΩ Tmin ≤ Tamb ≤ Tmax 70 60 85 dB Isource Output current source VCC + = +15 V, V o = +2 V, Vid = +1 V 20 40 60 mA Isink Output sink current VCC + = +15V, V o = +2V, Vid = -1V VCC + = +15V, V o = +0.2V, Vid = -1V 10 12 20 50 mA µA VOH High level output voltage RL = 2 kΩ, VCC + = 30 V Tmin ≤ Tamb ≤ Tmax RL = 10 kΩ, VCC + = 30 V Tmin ≤ Tamb ≤ Tmax 26 26 27 27 27 28 V VOL Low level output voltage RL = 10 kΩ Tmin ≤ Tamb ≤ Tmax 520 20 mV SR Slew rate VCC + = 15V, V i = 0.5 to 3V, RL = 2kΩ, CL = 100pF, unity Gain 0.3 0.6 V/µs GBP Gain bandwidth product VCC + = 30 V, f = 100 kHz,V in = 10 mV, RL = 2 kΩ, CL = 100 pF 0.7 1.1 MHz THD Total harmonic distortion f = 1 kHz, Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, CL = 100 pF, VO = 2 Vpp 0.02 % en Equivalent input noise voltage f = 1 kHz, Rs = 100 Ω, VCC + = 30 V 55 Vo1/Vo2 Channel separation(4) 1kHz ≤ f ≤ 20 kHz 120 dB 1. Vo = 1.4 V, Rs = 0 Ω, 5 V < VCC + < 30 V, 0 < V ic < VCC + - 1.5 V 2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so there is no change in the load on the input lines. 3. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC + - 1.5 V, but either or both inputs can go to +32 V without damage. 4. Due to the proximity of external components, ensure that stray capacitance between these external parts does not cause coupling. Typically, this can be detected because this type of capacitance increases at higher frequencies. Table 3. Electrical characteristics for VCC + = +5V, V CC - = Ground, V o = 1.4V, Tamb = +25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit nV Hz ------------ |
Numéro de pièce similaire - LM158D |
|
Description similaire - LM158D |