Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-XXXX Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce HCPL-XXXX
Description  3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

HCPL-XXXX Fiches technique(HTML) 9 Page - Texas Instruments

Back Button HCPL-XXXX Datasheet HTML 5Page - Texas Instruments HCPL-XXXX Datasheet HTML 6Page - Texas Instruments HCPL-XXXX Datasheet HTML 7Page - Texas Instruments HCPL-XXXX Datasheet HTML 8Page - Texas Instruments HCPL-XXXX Datasheet HTML 9Page - Texas Instruments HCPL-XXXX Datasheet HTML 10Page - Texas Instruments HCPL-XXXX Datasheet HTML 11Page - Texas Instruments HCPL-XXXX Datasheet HTML 12Page - Texas Instruments HCPL-XXXX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PARAMETER MEASUREMENT INFORMATION
IN
OUT
ISO722
and
ISO722M
EN
VO
+
-
+
-
VO
VI
IO
Input
Generator
VI
NOTE A
tf
tr
50%
0V
50%
VOH
VOL
50 W
tPHL
tPLH
V
/2
CC1
V
/2
CC1
VCC1
90%
10%
C
NoteB
L
Input
Generator
NOTE A
50 W
OUT
EN
IN
3V
0V
0V
50%
0.5V
VOH
CL
NOTEB
R =1k
1%
L
W ±
tPZH
VO
VO
V
/2
CC2
V
/2
CC2
tPHZ
VCC2
VI
+
-
VI
VCC2
VO
OUT
EN
IN
0V
0V
VO
VI
0.5V
VOL
50%
C
NOTEB
L
R =1k
1%
L
W ±
50 W
VCC2
VCC2
V
/2
CC2
V
/2
CC2
tPZL
tPLZ
Input
Generator
NOTE A
+
-
VI
ISO721M-EP
www.ti.com....................................................................................................................................................................................................... SLLS882 – JUNE 2008
Figure 1. Switching Characteristic Test Circuit and Voltage Waveforms
Figure 2. ISO722 Sleep-Mode High-Level Output Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics:
PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 3. ISO722 Sleep-Mode Low-Level Output Test Circuit and Voltage Waveforms
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO721M-EP


Numéro de pièce similaire - HCPL-XXXX

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0000E AVAGO-HCPL-0000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0060E AVAGO-HCPL-0060E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0201 HP-HCPL-0201 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Description similaire - HCPL-XXXX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ISO721 TI-ISO721 Datasheet
1Mb / 22P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721-Q1 TI-ISO721-Q1 Datasheet
379Kb / 19P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP_101 TI-ISO721M-EP_101 Datasheet
679Kb / 25P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721M-EP TI-ISO721M-EP_10 Datasheet
640Kb / 24P
[Old version datasheet]   3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721 TI-ISO721_10 Datasheet
594Kb / 26P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
ISO721_1007 TI1-ISO721_1007 Datasheet
678Kb / 29P
[Old version datasheet]   3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
JULY2010
ISO721-Q1 TI1-ISO721-Q1_16 Datasheet
982Kb / 27P
[Old version datasheet]   AND/OR 5-V HIGH-SPEED DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
ACML-7400-000E AVAGO-ACML-7400-000E Datasheet
146Kb / 13P
   3.3 V/5 V 100 MBd High Speed CMOS Digital Isolator
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com