Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGB7NB40LZ Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STGB7NB40LZ
Description  N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH??IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB7NB40LZ Fiches technique(HTML) 2 Page - STMicroelectronics

  STGB7NB40LZ Datasheet HTML 1Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 2Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 3Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 4Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 5Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 6Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 7Page - STMicroelectronics STGB7NB40LZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STGB7NB40LZ
2/8
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25°C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
SWITCHING ON
Rthj-case
Thermal Resistance Junction-case Max
1.5
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max (free air)
62.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BV(CES)
Collector-Emitter Clamped
Voltage
IC =10mA, VGE =0,
Tc= - 40°C to 150°C; RG=1 KΩ
370
400
430
V
BV(ECS)
Emitter Collector Break-down
Voltage
IEC = 75 mA, VGE =0,
20
27
V
BVGE
Gate Emitter Break-down
Voltage
IG =± 2 mA
12
16
V
ICES
Collector-Emitter Leakage
Current
VGE =200 V, VGE =0, RG=1 KΩ
Tc=25°C
Tc=150°C
25
250
µA
µA
IGES
Gate-Emitter Leakage
Current (VCE =0)
VGE =± 10 V,VCE = 0
1000
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE =VGE,IC = 1 mA, Tc=25°C
VCE =VGE,IC = 1 mA, Tc=150°C
1.2
0.75
2.2
1.8
V
V
VCE(SAT)
Collector-Emitter Saturation
Voltage
VGE =4.5 V, IC =7 A, Tj=25°C
VGE =5.0 V, IC =14A, Tc= 25°C
1.3
1.50
1.9
V
V
RGE
Gate Emitter Resistance
10
20
30
K
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Cies
Input Capacitance
VCE =25V,f= 1MHz, VGE =0
910
pF
Coes
Output Capacitance
80
pF
Cres
Reverse Transfer
Capacitance
15
pF
Qg
Gate Charge
VCE =40V,IC =7 A,
VGE =5V
22
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Current Rise Time
VCE =14V,RG =1KΩ ,
RL =1Ω, VGE =5 V
0.9
4.5
µs
µs
td(off)
tf
Delay Time
Current Fall Time
VCE = 300 V, RG =1KΩ ,
RL =46Ω, VGE =5 V
4.4
3.6
µs
µs


Numéro de pièce similaire - STGB7NB40LZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB7NB60FD STMICROELECTRONICS-STGB7NB60FD Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGB7NB60FDT4 STMICROELECTRONICS-STGB7NB60FDT4 Datasheet
505Kb / 11P
   N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT
STGB7NB60HD STMICROELECTRONICS-STGB7NB60HD Datasheet
322Kb / 8P
   N-CHANNEL 7A - 600V DPAK PowerMESH IGBT
STGB7NB60KD STMICROELECTRONICS-STGB7NB60KD Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGB7NB60KD STMICROELECTRONICS-STGB7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
More results

Description similaire - STGB7NB40LZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB10NB40LZ STMICROELECTRONICS-STGB10NB40LZ Datasheet
481Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
STGB20NB37LZ STMICROELECTRONICS-STGB20NB37LZ_03 Datasheet
382Kb / 8P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ_01 Datasheet
445Kb / 10P
   N-CHANNEL CLAMPED 20A - D2PAK INTERNALLY CLAMPED PowerMesh TM IGBT
STGB20NB32LZ STMICROELECTRONICS-STGB20NB32LZ Datasheet
494Kb / 11P
   N-CHANNEL CLAMPED 20A - D2PAK/I2PAK INTERNALLY CLAMPED PowerMESH TM IGBT
STGB20NB41LZ STMICROELECTRONICS-STGB20NB41LZ Datasheet
258Kb / 9P
   N-CHANNEL CLAMPED 20A - DPAK INTERNALLY CLAMPED PowerMESH IGBT
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
   N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh??IGBT
STGP20NB37LZ STMICROELECTRONICS-STGP20NB37LZ Datasheet
50Kb / 6P
   N-CHANNEL CLAMPED 20A TO-220 INTERNALLY CLAMPED PowerMESH IGBT
logo
ON Semiconductor
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com