Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAO-5.9-5.6 Fiches technique(PDF) 1 Page - Nuvotem Talema

No de pièce CAO-5.9-5.6
Description  Common Mode Toroidal Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TALEMA [Nuvotem Talema]
Site Internet  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

CAO-5.9-5.6 Fiches technique(HTML) 1 Page - Nuvotem Talema

  CAO-5.9-5.6 Datasheet HTML 1Page - Nuvotem Talema CAO-5.9-5.6 Datasheet HTML 2Page - Nuvotem Talema CAO-5.9-5.6 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CA Series common mode toroidal chokes provide an efficient
means of filtering supply lines having in-phase signals of equal
amplitude thus allowing equipment to meet stringent electrical
radiation specifications. Wide frequency ranges can be filtered
by using high and low inductance Common Mode toroids in
series. Differential mode signals can be attenuated substantially
when used together with input and output capacitors.
Features
• Separated windings for minimum capacitance
• Meets requitements of EN138100, VDE 0565, part2: 1997-03
and UL1283
• Competitive pricing due to high volume production
• Manufactured in ISO-9001:2000, TS-16949:2002 and
ISO-14001:2004 certified Talema facility
• Fully RoHS compliant
CA Series • Common Mode Toroidal Chokes
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
r
e
b
m
u
N
t
r
a
P
I
C
D
p
m
A
L
O
)
H
m
(
%
0
3
±
)
x
2
(
R
C
D
m
h
O
m
)
x
2
(
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
l
a
n
i
m
o
N
(
e
l
y
t
S
.
g
t
M
e
z
i
S
BX
/
VF
B
X
/
VF
7
2
-
5
.
0
-
_
_
A
C
5
.
0
7
2
9
7
1
,
1
8
x
4
1
3
2
2
0
0
1
-
4
.
0
-
_
_
A
C4
.
00
0
17
0
8
,
27
x
8
13
3
3
7
2
-
8
.
0
-
_
_
A
C8
.
07
24
7
67
x
8
13
3
3
0
0
1
-
5
.
0
-
_
_
A
C
5
.
0
0
0
1
4
4
0
,
2
1
1
x
3
2
5
4
4
7
2
-
0
.
1
-
_
_
A
C
0
.
1
7
2
7
3
5
1
1
x
3
2
5
4
4
0
0
1
-
6
.
0
-
_
_
A
C6
.
00
0
13
4
5
,
13
1
x
9
25
A
46
7
2
-
4
.
1
-
_
_
A
C4
.
17
29
7
24
1
x
0
35
A
46
0
0
1
-
4
.
1
-
_
_
A
C
4
.
1
0
0
1
4
8
4
6
1
x
5
3
8
9
9
7
2
-
2
.
3
-
_
_
A
C
2
.
3
7
2
7
8
7
1
x
7
3
8
9
9
2
2
-
5
.
0
-
_
_
A
C5
.
02
20
6
98
x
4
13
2
2
2
8
-
4
.
0
-
_
_
A
C
4
.
0
2
8
7
6
1
,
1
8
x
5
1
3
3
3
2
2
-
9
.
0
-
_
_
A
C
9
.
0
2
2
2
4
5
7
x
8
1
3
3
3
2
8
-
5
.
0
-
_
_
A
C5
.
02
81
5
8
,
11
1
x
3
25
4
4
2
2
-
0
.
1
-
_
_
A
C0
.
12
25
8
41
1
x
3
25
4
4
2
8
-
6
.
0
-
_
_
A
C
6
.
0
2
8
7
9
3
,
1
3
1
x
9
2
5
A
4
6
2
2
-
5
.
1
-
_
_
A
C
5
.
1
2
2
7
2
2
4
1
x
0
3
5
A
4
6
2
8
-
6
.
1
-
_
_
A
C6
.
12
80
5
36
1
x
5
38
9
9
2
2
-
6
.
3
-
_
_
A
C6
.
32
20
77
1
x
7
38
9
9
8
6
-
3
.
0
-
_
_
A
C
3
.
0
8
6
2
9
6
,
3
8
x
5
1
3
2
2
8
1
-
6
.
0
-
_
_
A
C
6
.
0
8
1
8
6
8
8
x
4
1
3
2
2
8
6
-
5
.
0
-
_
_
A
C5
.
08
63
5
8
,
17
x
8
13
3
3
8
1
-
0
.
1
-
_
_
A
C0
.
18
19
3
47
x
8
13
3
3
8
6
-
6
.
0
-
_
_
A
C
6
.
0
8
6
3
5
3
,
1
1
1
x
3
2
5
4
4
8
1
-
1
.
1
-
_
_
A
C
1
.
1
8
1
8
8
3
1
1
x
3
2
5
4
4
8
6
-
7
.
0
-
_
_
A
C7
.
08
68
0
1
,
13
1
x
9
25
A
46
8
1
-
6
.
1
-
_
_
A
C6
.
18
15
0
24
1
x
0
35
A
46
8
6
-
8
.
1
-
_
_
A
C
8
.
1
8
6
7
7
2
6
1
x
5
3
8
9
9
8
1
-
9
.
3
-
_
_
A
C
9
.
3
8
1
7
5
7
1
x
6
3
8
9
9
6
5
-
3
.
0
-
_
_
A
C3
.
06
56
2
1
,
38
x
4
13
2
2
5
1
-
6
.
0
-
_
_
A
C6
.
05
13
9
78
x
4
13
2
2
6
5
-
5
.
0
-
_
_
A
C
5
.
0
6
5
8
1
5
,
1
7
x
8
1
3
3
3
5
1
-
0
.
1
-
_
_
A
C
0
.
1
5
1
1
0
4
7
x
8
1
3
3
3
6
5
-
6
.
0
-
_
_
A
C6
.
06
58
7
3
,
11
1
x
3
25
4
4
5
1
-
2
.
1
-
_
_
A
C2
.
15
15
1
31
1
x
3
25
4
4
6
5
-
8
.
0
-
_
_
A
C
8
.
0
6
5
7
0
8
3
1
x
9
2
5
A
4
6
5
1
-
8
.
1
-
_
_
A
C
8
.
1
5
1
7
6
1
4
1
x
0
3
5
A
4
6
6
5
-
0
.
2
-
_
_
A
C0
.
26
58
2
26
1
x
5
38
9
9
5
1
-
3
.
4
-
_
_
A
C3
.
45
17
47
1
x
6
38
9
9
7
4
-
4
.
0
-
_
_
A
C
4
.
0
7
4
2
4
9
,
1
8
x
4
1
3
2
2
2
1
-
7
.
0
-
_
_
A
C
7
.
0
2
1
9
0
7
8
x
4
1
3
2
2
7
4
-
5
.
0
-
_
_
A
C5
.
07
40
9
3
,
17
x
8
13
3
3
2
1
-
1
.
1
-
_
_
A
C1
.
12
18
5
37
x
8
13
3
3
7
4
-
6
.
0
-
_
_
A
C
6
.
0
7
4
1
0
0
,
1
1
1
x
3
2
5
4
4
2
1
-
4
.
1
-
_
_
A
C
4
.
1
2
1
3
5
2
1
1
x
3
2
5
4
4
7
4
-
9
.
0
-
_
_
A
C9
.
07
48
5
63
1
x
9
25
A
46
2
1
-
9
.
1
-
_
_
A
C9
.
12
19
4
13
1
x
0
35
A
46
7
4
-
2
.
2
-
_
_
A
C
2
.
2
7
4
5
8
1
6
1
x
5
3
8
9
9
2
1
-
9
.
4
-
_
_
A
C
9
.
4
2
1
7
3
7
1
x
6
3
8
9
9
9
3
-
4
.
0
-
_
_
A
C4
.
09
39
6
7
,
18
x
4
13
2
2
0
1
-
7
.
0
-
_
_
A
C7
.
00
17
4
68
x
4
13
2
2
9
3
-
5
.
0
-
_
_
A
C
5
.
0
9
3
7
6
2
,
1
7
x
8
1
3
3
3
0
1
-
2
.
1
-
_
_
A
C
2
.
1
0
1
5
8
2
7
x
8
1
3
3
3
9
3
-
6
.
0
-
_
_
A
C6
.
09
32
1
91
1
x
3
25
4
4
0
1
-
6
.
1
-
_
_
A
C6
.
10
13
0
21
1
x
3
25
4
4
9
3
-
0
.
1
-
_
_
A
C
0
.
1
9
3
7
3
5
3
1
x
9
2
5
A
4
6
0
1
-
0
.
2
-
_
_
A
C
0
.
2
0
1
6
3
1
3
1
x
9
2
5
A
4
6
9
3
-
5
.
2
-
_
_
A
C5
.
29
30
5
17
1
x
6
38
9
9
0
1
-
0
.
5
-
_
_
A
C0
.
50
14
37
1
x
6
38
9
9
3
3
-
4
.
0
-
_
_
A
C
4
.
0
3
3
8
2
6
,
1
8
x
4
1
3
2
2
8
.
6
-
1
.
1
-
_
_
A
C
1
.
1
8
.
6
2
4
3
8
x
4
1
3
2
2
3
3
-
6
.
0
-
_
_
A
C6
.
03
37
3
87
x
8
13
3
3
8
.
6
-
3
.
1
-
_
_
A
C3
.
18
.
65
3
27
x
8
13
3
3
3
3
-
7
.
0
-
_
_
A
C
7
.
0
3
3
1
5
7
1
1
x
3
2
5
4
4
8
.
6
-
0
.
2
-
_
_
A
C
0
.
2
8
.
6
8
4
1
1
1
x
3
2
5
4
4
3
3
-
1
.
1
-
_
_
A
C1
.
13
34
3
43
1
x
9
25
5
6
8
.
6
-
6
.
2
-
_
_
A
C6
.
28
.
69
73
1
x
0
35
A
46
3
3
-
7
.
2
-
_
_
A
C
7
.
2
3
3
4
2
1
7
1
x
6
3
8
9
9
8
.
6
-
5
.
5
-
_
_
A
C
5
.
5
9
.
6
8
2
6
1
x
5
3
8
9
9
Electrical Specifications @ 25°C
Test frequency: Inductance measured at 0.10VAC @ 10kHz
Test voltage between windings: 1,500 VAC for 60 seconds
Operating temperature: -40°C to +125°C
Climatic category: IEC68-1 40/125/56
THE TALEMA GROUP • Magnetic Components for Universal Applications


Numéro de pièce similaire - CAO-5.9-5.6

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
CAO158AE HARRIS-CAO158AE Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158AT HARRIS-CAO158AT Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158E HARRIS-CAO158E Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158M HARRIS-CAO158M Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CAO158T HARRIS-CAO158T Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
More results

Description similaire - CAO-5.9-5.6

FabricantNo de pièceFiches techniqueDescription
logo
Nuvotem Talema
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
   Common Mode Toroidal Chokes
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com