Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS83C51RC2-LCE Fiches technique(PDF) 11 Page - ATMEL Corporation

No de pièce TS83C51RC2-LCE
Description  High Performance 8-bit Microcontroller
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS83C51RC2-LCE Fiches technique(HTML) 11 Page - ATMEL Corporation

Back Button TS83C51RC2-LCE Datasheet HTML 7Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 8Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 9Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 10Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 11Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 12Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 13Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 14Page - ATMEL Corporation TS83C51RC2-LCE Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
11
TS8xC51Rx2
4188A–8051–10/02
TS80C51Rx2 Enhanced
Features
In comparison to the original 80C52, the TS8xC51Rx2 implements some new features,
which are:
The X2 option.
The Dual Data Pointer.
The extended RAM.
The Programmable Counter Array (PCA).
The Watchdog.
The 4 level interrupt priority system.
The power-off flag.
The ONCE mode.
The ALE disabling.
Some enhanced features are also located in the UART and the timer 2.
X2 Feature
The TS80C51Rx2 core needs only 6 clock periods per machine cycle. This feature
called ”X2” provides the following advantages:
Divides frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
Saves power consumption while keeping same CPU power (oscillator power
saving).
Saves power consumption by dividing dynamically operating frequency by 2 in
operating and idle modes.
Increases CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by software.
Description
The clock for the whole circuit and peripheral is first divided by two before being used by
the CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1
input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic
ratio between 40 to 60%. Figure 1 shows the clock generation block diagram. X2 bit is
validated on XTAL1
÷2 rising edge to avoid glitches when switching from X2 to STD
mode. Figure 2 shows the mode switching waveforms.
Figure 1. Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
F
XTAL
0
1
XTAL1:2


Numéro de pièce similaire - TS83C51RC2-LCE

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
TS83C51RC2-LCE IRF-TS83C51RC2-LCE Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS83C51RC2-LCE ATMEL-TS83C51RC2-LCE Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

Description similaire - TS83C51RC2-LCE

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM65512A OKI-MSM65512A Datasheet
189Kb / 23P
   High Performance 8-Bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2_08 Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
logo
International Rectifier
TS80C51RA2 IRF-TS80C51RA2_06 Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
OKI electronic componet...
MSM65514 OKI-MSM65514 Datasheet
196Kb / 23P
   High Performance 8-Bit Microcontroller
MSM65516 OKI-MSM65516 Datasheet
201Kb / 23P
   High performance 8-Bit Microcontroller
logo
Digital Core Design
DFPIC165X DCD-DFPIC165X Datasheet
180Kb / 6P
   High Performance 8-bit RISC Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
   Pipelined High Performance 8-bit Microcontroller
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
   Pipelined High Performance 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com