Moteur de recherche de fiches techniques de composants électroniques |
|
TS87C51RC2-MIE Fiches technique(PDF) 11 Page - ATMEL Corporation |
|
TS87C51RC2-MIE Fiches technique(HTML) 11 Page - ATMEL Corporation |
11 / 83 page 11 TS8xC51Rx2 4188A–8051–10/02 TS80C51Rx2 Enhanced Features In comparison to the original 80C52, the TS8xC51Rx2 implements some new features, which are: • The X2 option. • The Dual Data Pointer. • The extended RAM. • The Programmable Counter Array (PCA). • The Watchdog. • The 4 level interrupt priority system. • The power-off flag. • The ONCE mode. • The ALE disabling. • Some enhanced features are also located in the UART and the timer 2. X2 Feature The TS80C51Rx2 core needs only 6 clock periods per machine cycle. This feature called ”X2” provides the following advantages: • Divides frequency crystals by 2 (cheaper crystals) while keeping same CPU power. • Saves power consumption while keeping same CPU power (oscillator power saving). • Saves power consumption by dividing dynamically operating frequency by 2 in operating and idle modes. • Increases CPU power by 2 while keeping same crystal frequency. In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 signal and the main clock input of the core (phase generator). This divider may be disabled by software. Description The clock for the whole circuit and peripheral is first divided by two before being used by the CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic ratio between 40 to 60%. Figure 1 shows the clock generation block diagram. X2 bit is validated on XTAL1 ÷2 rising edge to avoid glitches when switching from X2 to STD mode. Figure 2 shows the mode switching waveforms. Figure 1. Clock Generation Diagram XTAL1 2 CKCON reg X2 state machine: 6 clock cycles. CPU control FOSC F XTAL 0 1 XTAL1:2 |
Numéro de pièce similaire - TS87C51RC2-MIE |
|
Description similaire - TS87C51RC2-MIE |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |