Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-80C32E-30 Fiches technique(PDF) 3 Page - AIMTEC

No de pièce MC-80C32E-30
Description  Rad. Tolerant 8-bit ROMless Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

MC-80C32E-30 Fiches technique(HTML) 3 Page - AIMTEC

  MC-80C32E-30 Datasheet HTML 1Page - AIMTEC MC-80C32E-30 Datasheet HTML 2Page - AIMTEC MC-80C32E-30 Datasheet HTML 3Page - AIMTEC MC-80C32E-30 Datasheet HTML 4Page - AIMTEC MC-80C32E-30 Datasheet HTML 5Page - AIMTEC MC-80C32E-30 Datasheet HTML 6Page - AIMTEC MC-80C32E-30 Datasheet HTML 7Page - AIMTEC MC-80C32E-30 Datasheet HTML 8Page - AIMTEC MC-80C32E-30 Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
80C32E
4149M–AERO–06/03
Pin Description
Mnemonic
Type
Name and Function
V
SS
I
Ground: 0V reference
V
CC
I
Power Supply: This is the power supply voltage for normal, idle and
power-down operation
P0.0-P0.7
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance inputs.
Port 0 pins must be polarized to Vcc or Vss in order to prevent any
parasitic current consumption. Port 0 is also the multiplexed low-order
address and data bus during access to external program and data
memory. In this application, it uses strong internal pull-up when emitting
1s.
P1.0-P1.7
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 1 pins that are externally
pulled low will source current because of the internal pull-ups.
P2.0-P2.7
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 2 pins that are externally
pulled low will source current because of the internal pull-ups. Port 2
emits the high-order address byte during fetches from external program
memory and during accesses to external data memory that use 16-bit
addresses (MOVX @DPTR).In this application, it uses strong internal
pull-ups emitting 1s. During accesses to external data memory that use
8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR.
P3.0-P3.7
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 3 pins that are externally
pulled low will source current because of the internal pull-ups. Port 3 also
serves the special features of the 80C51 family, as listed below.
I
RXD (P3.0): Serial input port
O
TXD (P3.1): Serial output port
I
INT0 (P3.2): External interrupt 0
I
INT1 (P3.3): External interrupt 1
I
T0 (P3.4): Timer 0 external input
I
T1 (P3.5): Timer 1 external input
O
WR (P3.6): External data memory write strobe
O
RD (P3.7): External data memory read strobe
RST
I
Reset: A high on this pin for two machine cycles while the oscillator is
running, resets the device. An internal diffused resistor to V
SS permits a
power-on reset using only an external capacitor to V
CC.


Numéro de pièce similaire - MC-80C32E-30

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
MC-80C32E-30 ATMEL-MC-80C32E-30 Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
MC-80C32E-30-E ATMEL-MC-80C32E-30-E Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
More results

Description similaire - MC-80C32E-30

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com