Moteur de recherche de fiches techniques de composants électroniques |
|
MC12FD430J-F Fiches technique(PDF) 8 Page - Cornell Dubilier Electronics |
|
MC12FD430J-F Fiches technique(HTML) 8 Page - Cornell Dubilier Electronics |
8 / 9 page Types MC and MCN Multilayer RF Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com 8 Soldering Profiles Hand Soldering Method SnAgCu recommended solder Do not use strong acid type flux with RM or RMA Soldering iron tip temperature should be 250 ºC to 280 ºC ≤ 5 sec. 60 Watt iron or less • • • • Solder Solder Tip of iron Good Bad Capacitor Reflow Solder Profile 0 50 100 150 200 250 300 0 30 50 150 180 200 Pre-Heat Soldering Cooling Peak: 230 ~ 260°C 220 ~ 260°C 10 sec. max. Time (sec) Wave Solder Profile 0 50 100 150 200 250 300 0 20 70 220 ~ 255 °C 5 sec. max. Peak: 230 ~ 255 °C 80 90 Pre-Heat Cooling Soldering Time (sec) Item Symbol Case Code 08 12 18 22 Sprocket hole pitch P1 .157 ±.008 (4.0 ±0.2) Sprocket hole location B .069 ±.008 (1.75 ±0.2) Hole center to cavity center C .138 ±.002 (3.5 ±0.05) .217±.004 (5.5 ±0.1) Carrier tape width D .315 ±.012 (8.0 ±0.3) .472 ±.012 (12.0 ±0.3) Sprocket hole diameter d .059 (1.5 ) Cavity pitch P 0 .157 .004 (4.0 ±0.1) .315 ±.008 (8.0 ±0.2) Hole center to cavity center P 2 .079 ±.004 (2.0 ±0.1) Cavity length L .110 (2.8 ) .150 (3.8 ) .205 (5.2 ) .246 (6.25 ) Cavity width W .075 ±.008 (1.9 ±0.2) .118 ±.008 (3.0 ±0.2) .161 ±.008 (4.1 ±0.2) .217 ±.008 (5.5 ±0.2) Cavity depth T .051 ±.004 (1.3 ±0.1) .059 ±.004 (1.5 ±0.1) .071 ±.004 (1.8 ±0.1) .087 ±.004 (2.2 ±0.1) Carrier tape thickness t .012 ±.002 (0.3 ±0.05) Holder distance W 1 .354 (9.0 ) .512 (13.0 ) Reel thickness W 2 about .47 (12) about .63 (16) |
Numéro de pièce similaire - MC12FD430J-F |
|
Description similaire - MC12FD430J-F |