Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD30NF03L Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STD30NF03L
Description  N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF03L Fiches technique(HTML) 4 Page - STMicroelectronics

  STD30NF03L Datasheet HTML 1Page - STMicroelectronics STD30NF03L Datasheet HTML 2Page - STMicroelectronics STD30NF03L Datasheet HTML 3Page - STMicroelectronics STD30NF03L Datasheet HTML 4Page - STMicroelectronics STD30NF03L Datasheet HTML 5Page - STMicroelectronics STD30NF03L Datasheet HTML 6Page - STMicroelectronics STD30NF03L Datasheet HTML 7Page - STMicroelectronics STD30NF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Characteristics
Transconductance
Gate Charge vs Gate-source Voltage
Transfer Characteristics
Static Drain-source On Resistance
Capacitance Variations
STD30NF03L
4/8


Numéro de pièce similaire - STD30NF03L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD30NF03L DOINGTER-STD30NF03L Datasheet
756Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STD30NF03L VBSEMI-STD30NF03L Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD30NF03L-1 STMICROELECTRONICS-STD30NF03L-1 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STD30NF03L-1 VBSEMI-STD30NF03L-1 Datasheet
1Mb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - STD30NF03L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
   N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
   N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
STD40NF06LZ STMICROELECTRONICS-STD40NF06LZ Datasheet
296Kb / 8P
   N-CHANNEL 60V - 0.020 ohm - 40A DPAK Zener-Protected STripFET??II POWER MOSFET
October 2002
STD45NF03L STMICROELECTRONICS-STD45NF03L Datasheet
47Kb / 6P
   N - CHANNEL 30V - 0.011 ohm - 45A DPAK STripFET POWER MOSFET
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
   N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
   N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET??II POWER MOSFET
STD36NH02L STMICROELECTRONICS-STD36NH02L Datasheet
766Kb / 13P
   N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com