Moteur de recherche de fiches techniques de composants électroniques |
|
CDEC122GOYM Fiches technique(PDF) 5 Page - Cornell Dubilier Electronics |
|
CDEC122GOYM Fiches technique(HTML) 5 Page - Cornell Dubilier Electronics |
5 / 5 page 7\SH&05 +LJK5HOLDELOLW\0LFD&DSDFLWRUV 0RLVWXUH5HVLVWDQFH&DSDFLWRUV ZLOOPHHWWKHUHTXLUHPHQWVRI 0,/67'0HWKRG)DVRXWOLQHG KHUHDQGGLDJUDPPHGRQWKH ULJKW$SSO\9RUWKHUDWHGYROWDJH ZKLFKHYHULVOHVVWRKDOIRIWKH FDSDFLWRUV'RQ¶WDSSO\YROWDJHWR WKHRWKHUKDOI5HIHUWR0,/67' IRUGHWDLOV 'U\FDSDFLWRUVIRUKRXUVLQD &RYHQDQGWKHQDOORZWR VWDELOL]HDWURRPWHPSHUDWXUH 6XEMHFWWKHFDSDFLWRUVWR KRXUFRQWLQXRXVF\FOHVZLWK UHODWLYHKXPLGLW\DQGWHPSHUDWXUH DVVKRZQ WRKRXUVDIWHUFRPSOHWLRQRI WKHODVWF\FOHWKHFDSDFLWRUVZLOO VKRZQRYLVXDOGDPDJHDQGZLOO PHHWWKHDIWHUWHVWOLPLWVEHORZ $IWHU7HVW/LPLWV 65 ±2 ºC 90-98 RH 25 ±2 ºC 90-98 RH –10 ±2 ºC Uncontrolled Humidity 8 1-4 3 2 ½ 3 2½ 2 ½ 3 2½ hours 7HVW :LWKVWDQG 9ROWDJH ,QVXODWLRQ 5HVLVWDQFH &DSDFLWDQFH&KDQJH ZKLFKHYHULVJUHDWHU ') 4 0RLVWXUH5HVLVWDQFH /LIH7HVW 6ROGHU+HDW ,/ ,/ ,/ *ȍ ,/ ,/ 19RUS) 19RUS) ,9RUS) ,/ ,/ ,/ [,/ [,/ ,/ ,/ ,QLWLDO/LPLW 19 1RPLQDO9DOXH ,9 ,QLWLDO9DOXH 2UGHULQJ,QIRUPDWLRQ 2UGHUE\FRPSOHWHSDUWQXPEHUDVEHORZ )RURWKHURSWLRQVZULWH\RXUUHTXLUHPHQWVRQ\RXUTXRWHUHTXHVW 3DUW1XPEHULQJ6\VWHP &05& - 3 ' 5 &'( &DSDFLWDQFH&DSDFLWDQFH7HPSHUDWXUH5DQJH 9ROWDJH )DLOXUH5DWH 7\SH 5 S)7ROHUDQFH2 ±&WR& < 9GF S)' SI3 ±&WR& $ 9GF0 KUV S)) & 9GF3 KUV * ' 9GF5 KUV &KDUDFWHULVWLF - Temp. Coeff. ppm/ °C Capacitance Drift Standard Cap. Range C E F –200 to +200 –20 to +100 0 to + 70 ±(0.5% +0.1pF) ±(0.1% +0.1pF) ±(0.05% +0.1pF) 1 – 18 pF 20 – 82 pF 91 pF and up 3WHPSHUDWXUHUDQJHDYDLODEOHIRU&05&05&05&05&05 CDE Cornell Dubilier•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com |
Numéro de pièce similaire - CDEC122GOYM |
|
Description similaire - CDEC122GOYM |