Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1186-2ARQZ-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADM1186-2ARQZ-REEL
Description  Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1186-2ARQZ-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADM1186-2ARQZ-REEL Datasheet HTML 6Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 7Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 8Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 9Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 10Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 11Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 12Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 13Page - Analog Devices ADM1186-2ARQZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADM1186
Rev. 0 | Page 10 of 28
6.0
5.8
5.6
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VCC = 3.3V
Figure 11. VINx Input Negative Glitch Immunity vs. Temperature
1.43
1.42
1.41
1.40
1.39
1.38
1.37
–40
0
60
20
–20
40
80
TEMPERATURE (°C)
VCC = 3.3V
Figure 12. UP, DOWN, UP/DOWN, FAULT, and Time Delay Trip Threshold
vs. Temperature
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
50
0
100
150
200
OVERDRIVE (mV)
VCC = 3.3V
Figure 13. UP, DOWN, and UP/DOWN Input Glitch Immunity
vs. Input Overdrive
9.0
9.5
10.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
VCC = 3.3V
Figure 14. UP, DOWN, and UP/DOWN Input Glitch Immunity vs. Temperature
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
0
200
400
600
800
1000
OVERDRIVE (mV)
VCC = 3.3V
Figure 15. FAULT Input Glitch Immunity vs. Input Overdrive
7.0
6.5
6.0
5.5
5.0
–40
0
60
20
–20
40
80
TEMPERATURE (°C)
VCC = 3.3V
Figure 16. FAULT Input Glitch Immunity vs. Temperature


Numéro de pièce similaire - ADM1186-2ARQZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1181 AD-ADM1181 Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Description similaire - ADM1186-2ARQZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
   Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
   Super Sequencer??and Monitor
Rev. PrB
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com